Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1373D-133BGXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1373D-133BGXI
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1373D-133BGXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1373D-133BGXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1373D-133BGXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1373D-133BGXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1373D-133BGXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1373D-133BGXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1373D-133BGXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1373D-133BGXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1373D-133BGXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1373D-133BGXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
PRELIMINARY
CY7C1371D
CY7C1373D
Document #: 38-05556 Rev. *A
Page 2 of 30
1
2
C
MODE
BWA
BWB
WE
CE1
CE2
CE3
OE
READ LOGIC
DQs
DQPA
DQPB
DQPC
DQPD
MEMORY
ARRAY
E
INPUT
REGISTER
BWC
BWD
ADDRESS
REGISTER
WRITE REGISTRY
AND DATA COHERENCY
CONTROL LOGIC
BURST
LOGIC
A0'
A1'
D1
D0
Q1
Q0
A0
A1
ADV/LD
CE
ADV/LD
C
CLK
CEN
WRITE
DRIVERS
D
A
T
A
S
T
E
E
R
I
N
G
S
E
N
S
E
A
M
P
S
WRITE ADDRESS
REGISTER
A0, A1, A
O
U
T
P
U
T
B
U
F
F
E
R
S
E
ZZ
SLEEP
CONTROL
Logic Block Diagram – CY7C1371D (512K x 36)
C
MODE
BWA
BWB
WE
CE1
CE2
CE3
OE
READ LOGIC
DQs
DQPA
DQPB
MEMORY
ARRAY
E
INPUT
REGISTER
ADDRESS
REGISTER
WRITE REGISTRY
AND DATA COHERENCY
CONTROL LOGIC
BURST
LOGIC
A0'
A1'
D1
D0
Q1
Q0
A0
A1
ADV/LD
CE
ADV/LD
C
CLK
CEN
WRITE
DRIVERS
D
A
T
A
S
T
E
E
R
I
N
G
S
E
N
S
E
A
M
P
S
WRITE ADDRESS
REGISTER
A0, A1, A
O
U
T
P
U
T
B
U
F
F
E
R
S
E
ZZ
SLEEP
CONTROL
Logic Block Diagram – CY7C1373D (1 Mbit x 18)


Similar Part No. - CY7C1373D-133BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1373D-133BGXI CYPRESS-CY7C1373D-133BGXI Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1373D-133BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com