Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25AA256T-IMF Datasheet(PDF) 9 Page - Microchip Technology

Part # 25AA256T-IMF
Description  256K SPI Bus Serial EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA256T-IMF Datasheet(HTML) 9 Page - Microchip Technology

Back Button 25AA256T-IMF Datasheet HTML 5Page - Microchip Technology 25AA256T-IMF Datasheet HTML 6Page - Microchip Technology 25AA256T-IMF Datasheet HTML 7Page - Microchip Technology 25AA256T-IMF Datasheet HTML 8Page - Microchip Technology 25AA256T-IMF Datasheet HTML 9Page - Microchip Technology 25AA256T-IMF Datasheet HTML 10Page - Microchip Technology 25AA256T-IMF Datasheet HTML 11Page - Microchip Technology 25AA256T-IMF Datasheet HTML 12Page - Microchip Technology 25AA256T-IMF Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS21822C-page 9
25AA256/25LC256
2.4
Write Enable (WREN) and Write
Disable (WRDI)
The 25XX256 contains a write enable latch.
See
Table 2-4 for the Write-Protect Functionality Matrix.
This latch must be set before any write operation will be
completed internally. The WREN instruction will set the
latch, and the WRDI will reset the latch.
The following is a list of conditions under which the
write enable latch will be reset:
• Power-up
• WRDI instruction successfully executed
• WRSR instruction successfully executed
• WRITE instruction successfully executed
FIGURE 2-4:
WRITE ENABLE SEQUENCE (WREN)
FIGURE 2-5:
WRITE DISABLE SEQUENCE (WRDI)
SCK
0
2
34
56
7
1
SI
high-impedance
SO
CS
01
00
00
0
1
SCK
0
2345
67
1
SI
high-impedance
SO
CS
01
00
00
0
10


Similar Part No. - 25AA256T-IMF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA256T-I/SN MICROCHIP-25AA256T-I/SN Datasheet
837Kb / 32P
   256K SPI Bus Serial EEPROM
11/29/12
25AA256T-I/ST MICROCHIP-25AA256T-I/ST Datasheet
837Kb / 32P
   256K SPI Bus Serial EEPROM
11/29/12
More results

Similar Description - 25AA256T-IMF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA256 MICROCHIP-25AA256_07 Datasheet
598Kb / 26P
   256K SPI Bus Serial EEPROM
2007
25LC256-I MICROCHIP-25LC256-I Datasheet
509Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25LC256-E MICROCHIP-25LC256-E Datasheet
600Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25AA256-I MICROCHIP-25AA256-I Datasheet
509Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25LC256-I MICROCHIP-25LC256-I Datasheet
837Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25AA256-ISM MICROCHIP-25AA256-ISM Datasheet
837Kb / 32P
   256K SPI Bus Serial EEPROM
2003-2013
25LC256T-I MICROCHIP-25LC256T-I Datasheet
837Kb / 32P
   256K SPI Bus Serial EEPROM
11/29/12
25AA256 MICROCHIP-25AA256_13 Datasheet
837Kb / 32P
   256K SPI Bus Serial EEPROM
11/29/12
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com