Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2064V-60LT44I Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ISPLSI2064V-60LT44I
Description  3.3V High Density Programmable Logic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2064V-60LT44I Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPLSI2064V-60LT44I Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2064V-60LT44I Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2064V-60LT44I Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2064V-60LT44I Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2064V-60LT44I Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2064V-60LT44I Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2064V-60LT44I Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2064V-60LT44I Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2064V-60LT44I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Specifications ispLSI 2064V
External Timing Parameters
Over Recommended Operating Conditions
tpd1
UNITS
-80
MIN.
TEST
COND.
1. Unless noted otherwise, all parameters use the GRP, 20 PTXOR path, ORP and Y0 clock.
2. Refer to Timing Model in this data sheet for further details.
3. Standard 16-bit counter using GRP feedback.
4. Reference Switching Test Conditions section.
Table 2-0030/2064V
1
4
3
1
tsu2 + tco1
(
)
-60
MIN.
MAX.
MAX.
DESCRIPTION
#
2
PARAMETER
A
1
Data Propagation Delay, 4PT Bypass, ORP Bypass
10.0
15.0
ns
tpd2
A
2
Data Propagation Delay
––
ns
fmax
A
3
Clock Frequency with Internal Feedback
80.0
61.7
MHz
fmax (Ext.)
4
Clock Frequency with External Feedback
––
MHz
fmax (Tog.)
5
Clock Frequency, Max. Toggle
––
MHz
tsu1
6
GLB Reg. Setup Time before Clock, 4 PT Bypass
––
ns
tco1
A
7
GLB Reg. Clock to Output Delay, ORP Bypass
––
ns
th1
8
GLB Reg. Hold Time after Clock, 4 PT Bypass
0.0
ns
tsu2
9
GLB Reg. Setup Time before Clock
9.0
ns
tco2
10
GLB Reg. Clock to Output Delay
––
ns
th2
11
GLB Reg. Hold Time after Clock
0.0
ns
tr1
A
12
Ext. Reset Pin to Output Delay
––
ns
trw1
13
Ext. Reset Pulse Duration
7.0
ns
tptoeen
B
14
Input to Output Enable
––
ns
tptoedis
C
15
Input to Output Disable
––
ns
tgoeen
B
16
Global OE Output Enable
––
ns
tgoedis
C
17
Global OE Output Disable
––
ns
twh
18
External Synchronous Clock Pulse Duration, High
5.0
––
ns
twl
19
External Synchronous Clock Pulse Duration, Low
5.0
––
ns
64.5
100
7.0
6.5
7.5
14.0
15.0
15.0
10.0
10.0
15.0
51.3
71.4
9.0
0.0
11.0
0.0
8.0
7.0
7.0
20.0
8.5
9.5
16.0
18.0
18.0
12.0
12.0
-100
MIN. MAX.
7.5
102
0.0
7.0
0.0
5.0
4.0
4.0
83.3
125
5.5
5.0
6.3
12.0
13.0
13.0
7.5
7.5
12.0


Similar Part No. - ISPLSI2064V-60LT44I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2064VE LATTICE-ISPLSI2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2064VE-100LB100 LATTICE-ISPLSI2064VE-100LB100 Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2064VE-100LJ44 LATTICE-ISPLSI2064VE-100LJ44 Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2064VE-100LT100 LATTICE-ISPLSI2064VE-100LT100 Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2064VE-100LT44 LATTICE-ISPLSI2064VE-100LT44 Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results

Similar Description - ISPLSI2064V-60LT44I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com