Electronic Components Datasheet Search |
|
PDTA144ES Datasheet(PDF) 7 Page - NXP Semiconductors |
|
PDTA144ES Datasheet(HTML) 7 Page - NXP Semiconductors |
7 / 14 page 2004 Aug 05 7 Philips Semiconductors Product specification PNP resistor-equipped transistors; R1 = 47 k Ω, R2 = 47 kΩ PDTA144E series UNIT bp cD E e1 HE Lp w v REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE 98-10-23 IEC JEDEC EIAJ mm 0.33 0.23 0.2 0.1 1.7 1.5 0.95 0.75 0.5 e 1.0 1.7 1.5 0.1 0.1 DIMENSIONS (mm are the original dimensions) 0.5 0.3 SOT490 SC-89 bp D e1 e A Lp detail X HE E w M v M A B A B 0 1 2 mm scale A 0.8 0.6 c X 12 3 Plastic surface mounted package; 3 leads SOT490 |
Similar Part No. - PDTA144ES |
|
Similar Description - PDTA144ES |