Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0100MS Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # 0100MS
Description  EMI SHIELD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

0100MS Datasheet(HTML) 1 Page - Burr-Brown (TI)

  0100MS Datasheet HTML 1Page - Burr-Brown (TI) 0100MS Datasheet HTML 2Page - Burr-Brown (TI) 0100MS Datasheet HTML 3Page - Burr-Brown (TI) 0100MS Datasheet HTML 4Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
100MS
EMI SHIELD
FIGURE 1. Cross-Sectional Side View of 100MS.
FIGURE 2. Assembly Diagram.
DESCRIPTION
The 100MS is an epoxy encapsulated electromagnetic/
electrostatic interference (EMI) shield for use with
circuits where sensitivity to EMI is critical. It was
designed to attenuate EMI by converting electromag-
netic field energy into heat that is absorbed by the
shield and by shunting electrostatic fields to common.
The 100MS may be used in applications to either
confine or exclude EMI. Its cavity was designed for
28.45mm x 28.45mm x 7.24mm, 20-pin hybrid pack-
ages. The shields in the cover and base plate are in two
separate halves to maintain the electrical isolation
between the adjacent rows of pins of the module it
encloses. Because of the spacing between the shield
halves and epoxy flow holes, the 100MS provides a
partial, but adequate low reluctance path for electro-
magnetic flux. The 100MS is well suited for use with
isolation modules such as the Burr-Brown 3656, 722,
and 724.
ASSEMBLY INSTRUCTIONS
Assemble the base plate to the module by pushing the
pins of the module through the beveled holes in the
base plate until the base plate and bottom of the
module are in contact with each other. Place the cover
over the module so the tabs are aligned and fit into the
slots in the base plate. Bend the four wide shield
soldering tabs protruding from the cover to make
contact with the bare metal on the base plate. Solder
these four tabs to insure the integrity of their connec-
tion to the base plate.
The 100MS and the module it contains are mounted
and secured to a printed circuit board (PCB) by solder-
ing the two narrow PCB solder tabs to the appropriate
common. The PCB solder tab closest to the input side
of the module should be soldered to the input com-
mon. The other tab should be soldered to the output
common. Figure 2 illustrates the assembly of the
100MS.
Base Plate
Module
(reference only)
PCB Solder Tab
Shield Solder Tab
Cover
Shield
Solder Tab
V
ISO
Epoxy Encapsulant
Connection to
Input Common
Connection to
Output Common
V
ISO = Isolation Voltage
Base Plate Shield
Half Cover Shield
Half Cover Shield
®
© 1979 Burr-Brown Corporation
PDS-421A
Printed in U.S.A. October, 1993
SBFS013


Similar Part No. - 0100MS

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
01000 VICOR-01000 Datasheet
50Kb / 1P
   CAPACITOR - (Y) 4700 pF -20%, 250 VAC
01000-03 VICOR-01000-03 Datasheet
50Kb / 1P
   CAPACITOR - (Y) 4700 pF -20%, 250 VAC
logo
List of Unclassifed Man...
010000 ETC2-010000 Datasheet
53Kb / 1P
   Packaged part Bulk part
logo
Littelfuse
01000020 LITTELFUSE-01000020 Datasheet
549Kb / 1P
   Pb 100/445/030/520 Series, P.C. Board Type for 5mm Diameter Fuses
01000020Z LITTELFUSE-01000020Z Datasheet
334Kb / 2P
   100/445/030/520 Series Circuit Board Mount Fuse Clips for 5mm Diameter Fuses
Revised: GD. 04/13/22
More results

Similar Description - 0100MS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319AS136XM08 GLENAIR-319AS136XM08 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
500T011E09B04 GLENAIR-500T011E09B04_11 Datasheet
234Kb / 2P
   EMI/RFI Shield Sock Backshell
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
319FJ043M16 GLENAIR-319FJ043M16 Datasheet
645Kb / 2P
   EMI/RFI Shield Sock Shrink Boot Adapter
319FJ044M16 GLENAIR-319FJ044M16 Datasheet
99Kb / 2P
   EMI/RFI Shield Sock Shrink Boot Adapter
712S270XM GLENAIR-712S270XM Datasheet
255Kb / 1P
   Composite EMI/RFI Single Shield Termination Conduit Fitting
527249BP GLENAIR-527249BP Datasheet
78Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief
319FS134XM08B GLENAIR-319FS134XM08B Datasheet
337Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
712S271XM GLENAIR-712S271XM Datasheet
258Kb / 2P
   Composite Dual EMI/RFI Shield Termination Conduit Fitting
319-134 GLENAIR-319-134 Datasheet
176Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com