Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N137W Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 6N137W
Description  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N137W Datasheet(HTML) 5 Page - Fairchild Semiconductor

  6N137W Datasheet HTML 1Page - Fairchild Semiconductor 6N137W Datasheet HTML 2Page - Fairchild Semiconductor 6N137W Datasheet HTML 3Page - Fairchild Semiconductor 6N137W Datasheet HTML 4Page - Fairchild Semiconductor 6N137W Datasheet HTML 5Page - Fairchild Semiconductor 6N137W Datasheet HTML 6Page - Fairchild Semiconductor 6N137W Datasheet HTML 7Page - Fairchild Semiconductor 6N137W Datasheet HTML 8Page - Fairchild Semiconductor 6N137W Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
www.fairchildsemi.com
Single-channel: 6N137, HCPL-2601, HCPL-2611 Dual-Channel: HCPL-2630, HCPL-2631 Rev. 1.0.3
Fig.1 Low Level Output Voltage vs. Ambient Temperature
TA - Ambient Temperature (
°C)
TA - Ambient Temperature (
°C)
TA - Ambient Temperature (
°C)
-40
-20
0
20
40
60
80
IF - Forward Current (mA)
IF - Forward Current (mA)
IOL = 16 mA
Fig. 4 Low Level Output Current
vs. Ambient Temperature
-40
-20
0
20
40
60
80
-40
-20
0
20
40
60
80
IF = 5 mA
IF = 10 mA
IF = 15 mA
Fig. 5 Input Threshold Current
vs. Ambient Temperature
RL = 350
RL = 1kΩ
RL = 4kΩ
Fig. 6 Output Voltage vs. Input Forward Current
RL = 350Ω
RL = 1kΩ
RL =4kΩ
IOL = 6.4 mA
IOL = 9.6 mA
IOL = 12.8 mA
Conditions:
IF = 5 mA
VE = 2 V
VCC = 5.5V
Conditions:
VCC = 5.0 V
VO = 0.6 V
Fig. 2 Input Diode Forward Voltage
vs. Forward Current
VF - Forward Voltage (V)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Conditions:
VCC = 5 V
VE = 2 V
VOL = 0.6 V
Fig.3 Switching Time vs. Forward Current
5
01
2
3
4
5
6
79
11
13
15
V
CC
= 5 V
RL = 1 kΩ (TPLH)
RL = 4 kΩ (TPLH)
RL = 350 Ω (TPLH)
RL = 1 kΩ
RL = 4 kΩ
RL = 350 kΩ
(TPHL)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1
2
3
4
0
20
40
60
80
100
120
20
25
30
35
40
45
50
0
1
2
3
4
5
6
0.001
0.01
0.1
1
10
16
30


Similar Part No. - 6N137W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N137W FAIRCHILD-6N137W Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137W FAIRCHILD-6N137W Datasheet
322Kb / 12P
   High Speed 10MBit/s Logic Gate Optocouplers
6N137WV FAIRCHILD-6N137WV Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137WV FAIRCHILD-6N137WV Datasheet
322Kb / 12P
   High Speed 10MBit/s Logic Gate Optocouplers
More results

Similar Description - 6N137W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com