Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZK400TS60U Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MZK400TS60U
Description  Fast Recovery Epitazial Diode INT-A-PAK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MZK400TS60U Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MZK400TS60U Datasheet HTML 1Page - List of Unclassifed Manufacturers MZK400TS60U Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MZC400TS60U
MZK400TS60U
Termal / Mechanical Characteristics
Parameter
Typ.
Max.
Units
RθJS
Termal Resistance, Junction-to- Sink DC
-
0.202
RθJC
Termal Resistance, Junction-to- Case DC
-
0.122
o
C/W
RθCS
Termal Resistance, Csar-to- Sink- Module
0.08
-
Mouting Torque, Case-to-Heatsink
-
4.0
N.m
Mouting Torque, Case-to-Terminal 1,2 & 3
-
3.0
Weight of Module
200
-
g
Electrical Characteristics (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units Conditions
VRRM
Reverse Breakdown Voltage
600
-
-
V
IR=16mA
IR
Diode Leaking Current
-
-
16
mA
TVJ=25 oC VR=VRRM
-
-
5
mA
TVJ=25 oC VR=0.8VRRM
-
-
100
mA
TVJ=125 oC VR=0.8VRRM
VF
Diode Forward Voltage
-
-
1.17
V
IF=230A; TVJ=125oC
-
-
1.36
V
TVJ= 25 oC
-
-
1.41
V
IF=400A; TVJ=125oC
-
-
1.52
V
TVJ= 25 oC
VTO
For power-loss calculations only
-
-
0.85
V
r6
-
-
1.14
mΩ
trr@TVJ=100 oC Diode Reverse Recovery Time
-
250
300
ns
IF=400A
IRM@TVJ= 25 oC Diode Peak Reverse Current
-
-
66
A
VR=300V
IRM@TVJ=100 oC Diode Peak Reverse Current
-
-
110
A
-di/dt=600A/µs
Case Outline - Int-a-pak
2
Dimensions are shown in millimeters


Similar Part No. - MZK400TS60U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MZKEA VISHAY-MZKEA Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
MZKEB VISHAY-MZKEB Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
MZKEC VISHAY-MZKEC Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
MZKED VISHAY-MZKED Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
MZKEE VISHAY-MZKEE Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
More results

Similar Description - MZK400TS60U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKL30008PBF VISHAY-VS-VSKL30008PBF Datasheet
223Kb / 8P
   INT-A-PAK Power Module Thyristor/Diode, 300 A
01-Jan-2023
logo
Nell Semiconductor Co.,...
NKD160 NELLSEMI-NKD160 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 160 A (INT-A-PAK Power Modules)
NKD160S NELLSEMI-NKD160S Datasheet
2Mb / 3P
   Standard Recovery Diodes, 160 A(INT-A-PAK Power Modules)
logo
Vishay Siliconix
VS-VSKL300 VISHAY-VS-VSKL300_V01 Datasheet
224Kb / 8P
   INT-A-PAK Power Module Thyristor/Diode, 300 A
01-Jan-2022
logo
Nell Semiconductor Co.,...
NKD240 NELLSEMI-NKD240 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 240 A(INT-A-PAK Power Modules)
NKD200 NELLSEMI-NKD200 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 200 A(INT-A-PAK Power Modules)
NKE160-08A NELLSEMI-NKE160-08A Datasheet
326Kb / 4P
   Standard Recovery Diodes, 160 A(INT-A-PAK Power Modules)
logo
Vishay Siliconix
VSKL300-08PBF VISHAY-VSKL300-08PBF_10 Datasheet
292Kb / 8P
   INT-A-PAK Power Module Thyristor/Diode, 300 A
Revision: 04-May-10
VSKL300-08PBF VISHAY-VSKL300-08PBF Datasheet
279Kb / 7P
   INT-A-PAK Power Module Thyristor/Diode, 300 A
Revision: 29-Sep-08
logo
International Rectifier
GA250TS60U IRF-GA250TS60U Datasheet
230Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com