Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV8051 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV8051
Description  High-Voltage EL Lamp Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV8051 Datasheet(HTML) 3 Page - Supertex, Inc

  HV8051 Datasheet HTML 1Page - Supertex, Inc HV8051 Datasheet HTML 2Page - Supertex, Inc HV8051 Datasheet HTML 3Page - Supertex, Inc HV8051 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
15-11
15
HV8051/HV8053
Figure 2: V
DD = 2.4V to 3.5V
Figure 1: V
DD = 1.0V to 1.6V
3.2nF
4.5MΩ
0.1µF
100V
1mH1
VDD
0.1µF2
1N4148
560KΩ
1
2
3
4
8
6
5
HV8051
7
5.1KΩ
VDD
Rsw-osc
Cs
Lx
GND
VB
VA
REL-osc
Equivalent load to a
1 square inch lamp
10nF
2MΩ
0.1µF
100V
47pF
100V
1.0nF
560µH1
1N4148
820KΩ
5.1KΩ
1
2
3
4
8
6
5
HV8053
7
VDD
Rsw-osc
Cs
Lx
GND
VB
VA
REL-osc
0.1µF2
VDD
Note:
1. Murata part # LQH4N102K04 (DC resistance < 25Ω)
2. Larger values may be required depending upon supply impedance.
For additional information, see application note AN-H33.
Note:
1. Murata part # LQH4N561K04 (DC resistance < 14.5Ω)
2. Larger values may be required depending upon supply impedance.
For additional information, see application note AN-H33.
– OBSOLETE


Similar Part No. - HV8051

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV803LG SUTEX-HV803LG Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV803X SUTEX-HV803X Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV809 SUTEX-HV809 Datasheet
325Kb / 4P
   Off-Line High Voltage EL Lamp Driver
HV809 SUTEX-HV809 Datasheet
478Kb / 7P
   Off-Line, High Voltage EL Lamp Driver
More results

Similar Description - HV8051

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
   High Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
   High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
   High Voltage EL Lamp Driver
logo
Clare, Inc.
CPC6826 CLARE-CPC6826 Datasheet
821Kb / 12P
   High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com