Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTCLM1875 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTCLM1875
Description  20W AUDIO POWER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM1875 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTCLM1875 Datasheet HTML 1Page - Unisonic Technologies UTCLM1875 Datasheet HTML 2Page - Unisonic Technologies UTCLM1875 Datasheet HTML 3Page - Unisonic Technologies UTCLM1875 Datasheet HTML 4Page - Unisonic Technologies UTCLM1875 Datasheet HTML 5Page - Unisonic Technologies UTCLM1875 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UTC LM1875
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
4
QW-R107-019,B
TYPICAL PERFORMANCE CHARACTERISTICS
40
Device Dissipation vs Ambient Temperature
80
20
60
100
0
40
45
TA - AMBIENT TEMPERATURE(℃)
35
30
25
20
15
10
5
0
120 140 160
INFINITE HEAT SINK
1℃/W HEAT SINK
2℃/W
HEAT SINK
5℃/W
HEAT SINK
10℃/W HEAT SINK
INTERFACE=1℃/W
See Application Hints.
20
100
PSRR vs Frequency
500
50
200
1K
0
90
100
FREQUENCY(Hz)
80
70
60
50
40
30
20
10
2K 5K10K 20K
RS=0
RL=4
1 Vrms
POSITIVE SUPPLY
NEGATIVE SUPPLY
INPUT REFERRED
0.1
THD vs Power Output
1.0
0.01
0.1
POWER OUTPUT(W)
1.0
10
100
20
100
THD vs Supply Voltage
500
50
200
1K
0
0.09
0.1
FREQUENCY(Hz)
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
2K
5K 10K 20K
Vs=+25V
PD=10W
RL=4Ω
RL=8Ω
010
20
Power Output vs Supply Voltage
15
15
5
20
25
0
25
30
35
RL=8Ω
THD=1%
10
5
30
SUPPLY VOLTAGE(+V)
010
60
Supply Current vs Supply Voltage
15
5
20
25
0
80
100
40
20
30
SUPPLY VOLTAGE(±V)


Similar Part No. - UTCLM1875

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
UTCLM2954-3.3 UTC-UTCLM2954-3.3 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
UTCLM2954-5.0 UTC-UTCLM2954-5.0 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
UTCLM317L UTC-UTCLM317L Datasheet
47Kb / 5P
   LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - UTCLM1875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1875 NSC-LM1875 Datasheet
481Kb / 11P
   20W Audio Power Amplifier
logo
Unisonic Technologies
LM1875 UTC-LM1875_15 Datasheet
154Kb / 7P
   20W AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1875 TI-LM1875 Datasheet
3Mb / 17P
[Old version datasheet]   20W Audio Power Amplifier
MAY 2004
logo
Unisonic Technologies
LM1875 UTC-LM1875_05 Datasheet
149Kb / 7P
   20W AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA1397 HITACHI-HA1397 Datasheet
570Kb / 7P
   20W AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1875T TI1-LM1875T Datasheet
3Mb / 16P
[Old version datasheet]   LM1875 20W Audio Power Amplifier
logo
NTE Electronics
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
   20W Hi-Fi AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE1724 NTE-NTE1724 Datasheet
33Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
NTE7040 NTE-NTE7040 Datasheet
28Kb / 3P
   Integrated Circuit Audio Power Amplifier, 20W
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com