Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-2412TM Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HFBR-2412TM
Description  Components is Designed to Provide cost effective, High performance fiber optic communication links
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-2412TM Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HFBR-2412TM Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-2412TM Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-2412TM Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-2412TM Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-2412TM Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-2412TM Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-2412TM Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-2412TM Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-2412TM Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
HFBR-0400 Series Part Number Guide
Available Options
Link Selection Guide
For additional information on specific links see the following individual link descriptions. Distances measured over temperature range from 0 to +70 °C.
HFBR-x4xxaa
1Transmitter
2Receiver
4
820 nm Transmitter and Receiver
products
0SMA, housed
1ST, housed
2FC, housed
ESC, housed
T
Threaded port option
C
Conductive port receiver option
M
Metal port option
2TX, stadnard power
4
TX, high power
2RX, 5 MBd, TTL output
5
TX, high light output power
6
RX, 125 MHz, Analog Output
HFBR-1402
HFBR-1414
HFBR-1412TM
HFBR-2412TC
HFBR-2412T
HFBR-2416TC
HFBR-1404
HFBR-1414M
HFBR-14E4
HFBR-2416
HFBR-2422
HFBR-1412
HFBR-1414T
HFBR-2402
HFBR-2416M
HFBR-24E6
HFBR-1412T
HFBR-1424
HFBR-2406
HFBR-2412
HFBR-2416T
Data rate (MBd)
Distance (m)
Transmitter
Receiver
Fiber Size (µm)
Evaluation Kit
5
1500
HFBR-14x2
HFBR-24x2
200 HCS
N/A
5
2000
HFBR-14x4
HFBR-24x2
62.5/125
HFBR-0410
20
2700
HFBR-14x4
HFBR-24x6
62.5/125
HFBR-0414
32
2200
HFBR-14x4
HFBR-24x6
62.5/125
HFBR-0414
55
1400
HFBR-14x4
HFBR-24x6
62.5/125
HFBR-0414
125
700
HFBR-14x4
HFBR-24x6
62.5/125
HFBR-0416
155
600
HFBR-14x4
HFBR-24x6
62.5/125
HFBR-0416
160
500
HFBR-14x4
HFBR-24x6
62.5/125
HFBR-0416


Similar Part No. - HFBR-2412TM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2412TCZ AVAGO-HFBR-2412TCZ Datasheet
315Kb / 25P
   RoHS Compliant
HFBR-2412TCZ AVAGO-HFBR-2412TCZ Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
HFBR-2412TCZ AVAGO-HFBR-2412TCZ Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
logo
Broadcom Corporation.
HFBR-2412TCZ BOARDCOM-HFBR-2412TCZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2412TZ AVAGO-HFBR-2412TZ Datasheet
315Kb / 25P
   RoHS Compliant
More results

Similar Description - HFBR-2412TM

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Emcore Corporation
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
Emcore Corporation
8000A EMCORE-8000A Datasheet
387Kb / 19P
   System 8000 Fiber-Optic Interfacility Links
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
National Semiconductor ...
LM3753 NSC-LM3753_1 Datasheet
1Mb / 20P
   Evaluation Board evaluation board is designed to provide
LM5027A NSC-LM5027A Datasheet
584Kb / 28P
   Evaluation Board evaluation board is designed to provide
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
HFX6015 ETC1-HFX6015 Datasheet
700Kb / 3P
   Fiber Optic LAN Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com