Electronic Components Datasheet Search |
|
CAT5113S-01TE13 Datasheet(PDF) 4 Page - Catalyst Semiconductor |
|
CAT5113S-01TE13 Datasheet(HTML) 4 Page - Catalyst Semiconductor |
4 / 9 page 4 Doc. No. 2009, Rev. R CAT5113 Symbol Parameter Conditions Min Typ Max Units RPOT Potentiometer Resistance -01 Device 1 -50 Device 50 k Ω -50 Device 50 -00 Device 100 Pot Resistance Tolerance ±20 % VRH Voltage on RH pin 0 VCC V VRL Voltage on RL pin 0 VCC V Resolution 1% % INL Integral Linearity Error IW ≤ 2µA 0.5 1 LSB DNL Differential Linearity Error IW ≤ 2µA 0.25 0.5 LSB RWi Wiper Resistance VCC = 5V, IW = 1mA 400 Ω VCC = 2.5V, IW = 1mA 1 k Ω IW Wiper Current (1) -4.4 4.4 mA TCRPOT TC of Pot Resistance 300 ppm/oC TCRATIO Ratiometric TC 20 ppm/oC VN Noise 100kHz / 1kHz 8/24 nV/ Hz CH/CL/CW Potentiometer Capacitances 8/8/25 pF fc Frequency Response Passive Attenuator, 10k Ω 1.7 MHz Potentiometer Parameters Note: 1. This parameter is not 100% tested. |
Similar Part No. - CAT5113S-01TE13 |
|
Similar Description - CAT5113S-01TE13 |