Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2648 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2648
Description  5GHz to 6GHz Low-Noise Amplifier in 6-Pin UCSP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2648 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2648 Datasheet HTML 1Page - Maxim Integrated Products MAX2648 Datasheet HTML 2Page - Maxim Integrated Products MAX2648 Datasheet HTML 3Page - Maxim Integrated Products MAX2648 Datasheet HTML 4Page - Maxim Integrated Products MAX2648 Datasheet HTML 5Page - Maxim Integrated Products MAX2648 Datasheet HTML 6Page - Maxim Integrated Products MAX2648 Datasheet HTML 7Page - Maxim Integrated Products MAX2648 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5GHz to 6GHz Low-Noise Amplifier
in 6-Pin UCSP
_______________________________________________________________________________________
3
0
4
2
8
6
12
10
14
18
16
20
2.7
2.9 3.0 3.1
2.8
3.2 3.3 3.4 3.5 3.6
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = -40
°C
TA = +25
°C
TA = +85
°C
18.4
18.2
18.0
17.8
17.6
17.4
17.2
17.0
16.8
16.6
16.4
-40
-20 -10
-30
0 1020304050607080 90
GAIN vs. TEMPERATURE
TEMPERATURE (
°C)
18.2
18.0
17.8
17.6
17.4
17.2
17.0
16.8
16.6
16.4
16.2
2.7
2.9
2.8
3.0
3.1 3.2
3.3
3.4 3.5 3.6
GAIN vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
7.0
6.8
6.6
6.4
6.2
6.0
5.8
5.6
5.4
2.7
2.9
2.8
3.0
3.1 3.2
3.3
3.4 3.5 3.6
P(1dB) vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
2.7
2.9
2.8
3.0
3.1 3.2
3.3
3.4 3.5 3.6
IIP3 vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
-2.0
-0.5
-1.0
-1.5
0
0.5
1.5
1.0
2.0
-40
-20 -10
-30
0 102030 40 5060 7080
TEMPERATURE (
°C)
IIP3 vs. TEMPERATURE
90
-40
-30
-35
-25
-10
-5
-15
-20
0
5000
5200
5400
5600
5800
6000
|S11|, |S12|, AND |S22| vs. FREQUENCY
(5250MHz APPLICATION CIRCUIT)
OPERATING FREQUENCY (MHz)
|S22|
|S11|
|S12|
11
13
12
14
17
18
16
15
19
5000
5200
5400
5600
5800
6000
|S21| vs. FREQUENCY
(5250MHz APPLICATION CIRCUIT)
OPERATING FREQUENCY (MHz)
0
0.5
1.0
1.5
2.0
2.5
3.0
5150
5200
5175
5225 5250 5275 5300 5325 5350
NOISE FIGURE vs. FREQUENCY
(5250MHz APPLICATION CIRCUIT)
OPERATING FREQUENCY (MHz)
Typical Operating Characteristics
(MAX2648 evaluation kit tuned for 5150MHz to 5350MHz, VCC = +3.0V, fIN = 5250MHz, PIN = -30dBm, 50
Ω system, TA = +25°C,
unless otherwise noted.)


Similar Part No. - MAX2648

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2648 MAXIM-MAX2648 Datasheet
172Kb / 5P
   Evaluation Kit
Rev 1; 10/02
MAX2648EVKIT MAXIM-MAX2648EVKIT Datasheet
172Kb / 5P
   Evaluation Kit
Rev 1; 10/02
MAX2648 MAXIM-MAX2648_1 Datasheet
172Kb / 5P
   Evaluation Kit
Rev 1; 10/02
More results

Similar Description - MAX2648

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2374 MAXIM-MAX2374 Datasheet
131Kb / 8P
   SiGe, Variable IIP3, Low-Noise Amplifier in UCSP Package
Rev 0; 6/00
logo
Transcom, Inc.
TA020-060-11-10 TRANSCOM-TA020-060-11-10 Datasheet
72Kb / 2P
   2 ~ 6GHz 10dBm Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX2649 MAXIM-MAX2649 Datasheet
154Kb / 7P
   5GHz Low-Noise Amplifier with Shutdown
Rev 1; 8/03
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
   Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
MAX8532 MAXIM-MAX8532 Datasheet
280Kb / 8P
   Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
logo
Infineon Technologies A...
BGA8U1BN6 INFINEON-BGA8U1BN6 Datasheet
303Kb / 11P
   Low Noise Amplifier for Ultra High Band 4-6GHz
Revision 3.1 2017-09-14
logo
Guerrilla RF, Inc.
GRF2073W GUERRILLA-GRF2073W Datasheet
1Mb / 24P
   Ultra-Low Noise Amplifier 2 to 6 GHz
March 29, 2023
GRF2074W GUERRILLA-GRF2074W Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier 1 to 6 GHz
February 20, 2023
logo
United Monolithic Semic...
CHA3666 UMS-CHA3666_15 Datasheet
188Kb / 8P
   6-17GHz Low Noise Amplifier
CHA3666-FAA UMS-CHA3666-FAA_15 Datasheet
537Kb / 12P
   6-16GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com