Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM033R11C561JA01 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # GRM033R11C561JA01
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM033R11C561JA01 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button GRM033R11C561JA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM033R11C561JA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM033R11C561JA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM033R11C561JA01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM033R11C561JA01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM033R11C561JA01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM033R11C561JA01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GRM033R11C561JA01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GRM033R11C561JA01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
4.Type of Applied Voltage and Self-heating Temperature
1.Confirm the operating conditions to make sure that no large current is flowing into the capacitor due to the continuous
application of an AC voltage or pulse voltage.
When a DC rated voltage product is used in an AC voltage circuit or a pulse voltage circuit, the AC current or pulse
current will flow into the capacitor; therefore check the self-heating condition.
Please confirm the surface temperature of the capacitor so that the temperature remains within the upper limits
 of the operating temperature, including the rise in temperature due to self-heating.
When the capacitor is used with a high-frequency voltage or pulse voltage, heat may be generated by dielectric loss.
  <Applicable to Rated Voltage of less than 100VDC>
  The load should be contained so that the self-heating of the capacitor body remains below 20°C,
when measuring at an ambient temperature of 25°C.
5. DC Voltage and AC Voltage Characteristic
1. The capacitance value of a high dielectric constant type capacitor changes depending on the DC voltage applied.
Please consider the DC voltage characteristics when a capacitor is selected for use in a DC circuit.
1-1. The capacitance of ceramic capacitors may change sharply depending on the applied voltage. (See figure)
Please confirm the following in order to secure the capacitance.
(1) Determine whether the capacitance change caused by the applied voltage is within the allowed range.
(2) In the DC voltage characteristics, the rate of capacitance change becomes larger as voltage increases,
even if the applied voltage is below the rated voltage.
When a high dielectric constant type capacitor is used in a circuit that requires a tight (narrow) capacitance
tolerance (e.g., a time constant circuit), please carefully consider the voltage characteristics, and confirm
the various characteristics in the actual operating conditions of the system.
 2. The capacitance values of high dielectric constant type capacitors changes depending on the AC voltage applied.
Please consider the AC voltage characteristics when selecting a capacitor to be used in a AC circuit.
1
10
100
0
1
2
3
Current (Ar.m.s.)
4
5
6
[Example of Temperature Rise (Heat Generation) in Chip
Multilayer Ceramic Capacitors in Contrast to Ripple Current]
Sample: R(R1) characteristics 10
μF, Rated voltage: DC10V
Ripple Current
100kHz
500kHz
1MHz
-100
-80
-60
-40
-20
0
20
0
10
20
30
DC Voltage (V)
40
50
[Example of DC Voltage Characteristics]
Sample: X7R(R7) Characteristics
0.1μF, Rated Voltage 50VDC
0
0.5
1
AC Voltage (Vr.m.s.)
1.5
2
[Example of AC Voltage Characteristics]
Sample: X7R(R7) Characteristics
10μF, Rated Voltage 6.3VDC
30
20
10
0
-10
-20
-30
-40
-50
-60
GRM033R11C561JA01-01A


Similar Part No. - GRM033R11C561JA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM033R11C561KA01 MURATA-GRM033R11C561KA01 Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM033R11C561MA01 MURATA-GRM033R11C561MA01 Datasheet
784Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM033R11C561JA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com