Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4441EMSE Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4441EMSE
Description  N-Channel MOSFET Gate Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4441EMSE Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4441EMSE Datasheet HTML 2Page - Linear Technology LTC4441EMSE Datasheet HTML 3Page - Linear Technology LTC4441EMSE Datasheet HTML 4Page - Linear Technology LTC4441EMSE Datasheet HTML 5Page - Linear Technology LTC4441EMSE Datasheet HTML 6Page - Linear Technology LTC4441EMSE Datasheet HTML 7Page - Linear Technology LTC4441EMSE Datasheet HTML 8Page - Linear Technology LTC4441EMSE Datasheet HTML 9Page - Linear Technology LTC4441EMSE Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC4441/LTC4441-1
44411f
6
PI FU CTIO S
PGND (Pin 1/Pin 1): Driver Ground. Connect the DRVCC
bypass capacitor directly to this pin, as close as possible
to the IC. In addition, connect the PGND and SGND pins
together close to the IC, and then connect this node to the
source of the power MOSFET (or current sense resistor)
with as short and wide a PCB trace as possible.
BLANK (Pin 2/NA): Current Sense Blanking Output. Use
this pin to assert a blanking time in the power MOSFET’s
source current sense signal. The LTC4441 pulls this
open-drain output to SGND if the driver output is low. The
output becomes high impedance after a programmable
blanking time from the driver leading edge output. This
blanking time can be adjusted with the RBLANK pin.*
RBLANK (Pin 3/NA): Blanking Time Adjust Input. Connect
a resistor from this pin to SGND to set the blanking time.
A small resistor value gives a shorter delay. Leave this pin
floating if the BLANK pin is not used.*
SGND (Pin 4/Pin 2): Signal Ground. Ground return for the
DRVCC regulator and low power circuitry.
IN (Pin 5/Pin 3): Driver Logic Input. This is the non-
inverting driver input under normal operating conditions.
*Available only on the lo-lead version of the LTC4441.
EN/SHDN (Pin 6/Pin 4): Enable/Shutdown Input. Pulling
this pin above 1.21V allows the driver to switch. Pulling
this pin below 1.09V forces the driver output to go
low. Pulling this pin below 0.45V forces the LTC4441/
LTC4441-1 into shutdown mode; the DRVCC regulator
turns off and the supply current drops below 12µA.
FB (Pin 7/Pin 5): DRVCC Regulator Feedback Input. Con-
nect this pin to the center tap of an external resistive
divider between DRVCC and SGND to program the DRVCC
regulator output voltage. To ensure loop stability, use the
value of 330kΩ for the top resistor, R1.
VIN (Pin 8/Pin 6): Main Supply Input. This pin powers the
DRVCC linear regulator. Bypass this pin to SGND with a 1µF
ceramic, tantalum or other low ESR capacitor in close
proximity to the LTC4441/LTC4441-1.
DRVCC (Pin 9/Pin 7): Linear Regulator Output. This output
pin powers the driver and the control circuitry. Bypass this
pin to PGND using a 10µF ceramic, low ESR (X5R or X7R)
capacitor in close proximity to the LTC4441/LTC4441-1.
OUT (Pin 10/Pin 8): Driver Output.
Exposed Pad (Pin 11/NA): Ground. The Exposed Pad
must be soldered to the PCB ground.
IVIN vs fIN
IVIN vs CLOAD
TYPICAL PERFOR A CE CHARACTERISTICS
fIN (kHz)
0
300
100 200
400 500 600 700
900
800
1000
4441 G21
50
45
20
15
5
10
0
40
35
30
25
TA = 25°C
CLOAD = 4.7nF
DRVCC = 5V
DRVCC = 9V
CLOAD (nF)
015
5
10
20253035
45
40
50
4441 G22
60
50
20
10
0
40
30
TA = 25°C
fIN = 100kHz
DRVCC = 5V
DRVCC = 9V
MSOP/SO-8


Similar Part No. - LTC4441EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4441 LINER-LTC4441 Datasheet
194Kb / 18P
   High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4441-1 LINER-LTC4441-1 Datasheet
194Kb / 18P
   High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4441-1 LINER-LTC4441-1_15 Datasheet
203Kb / 16P
   N-Channel MOSFET Gate Driver
LTC4441 LINER-LTC4441_1 Datasheet
199Kb / 16P
   N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
LTC4441 LINER-LTC4441_15 Datasheet
203Kb / 16P
   N-Channel MOSFET Gate Driver
More results

Similar Description - LTC4441EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4441 LINER-LTC4441_15 Datasheet
203Kb / 16P
   N-Channel MOSFET Gate Driver
LTC4441-1 LINER-LTC4441-1_15 Datasheet
203Kb / 16P
   N-Channel MOSFET Gate Driver
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F_13 Datasheet
269Kb / 16P
   1 channel High-Side N channel Power MOSFET Gate Driver
TPD7102F TOSHIBA-TPD7102F Datasheet
268Kb / 16P
   1 channel High-Side N channel Power MOSFET Gate Driver
TPD7104F TOSHIBA-TPD7104F Datasheet
589Kb / 13P
   1 channel High-Side N channel Power MOSFET Gate Driver
logo
Infineon Technologies A...
1EDI60IN12AF INFINEON-1EDI60IN12AF_15 Datasheet
1Mb / 22P
   Single Channel MOSFET Gate Driver IC
Rev. 2.0, 2015-06-01
logo
Toshiba Semiconductor
TPD7101F TOSHIBA-TPD7101F Datasheet
269Kb / 9P
   2 channel High-Side N-ch Power MOSFET Gate Driver
logo
Solid States Devices, I...
FT0021 SSDI-FT0021_15 Datasheet
43Kb / 2P
   N-Channel Trench Gate MOSFET
FT0018 SSDI-FT0018_15 Datasheet
43Kb / 2P
   N-Channel Trench Gate MOSFET
logo
NXP Semiconductors
BF1107 NXP-BF1107 Datasheet
60Kb / 8P
   N-channel single gate MOSFET
Rev. 04-9 January 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com