Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKW40T120 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IKW40T120
Description  LOW LOSS DUOPACK : IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARAALEL EMCON HE DIODE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW40T120 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IKW40T120 Datasheet HTML 4Page - Infineon Technologies AG IKW40T120 Datasheet HTML 5Page - Infineon Technologies AG IKW40T120 Datasheet HTML 6Page - Infineon Technologies AG IKW40T120 Datasheet HTML 7Page - Infineon Technologies AG IKW40T120 Datasheet HTML 8Page - Infineon Technologies AG IKW40T120 Datasheet HTML 9Page - Infineon Technologies AG IKW40T120 Datasheet HTML 10Page - Infineon Technologies AG IKW40T120 Datasheet HTML 11Page - Infineon Technologies AG IKW40T120 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
IKW40T120
^
TrenchStop Series
Power Semiconductors
8
Preliminary / Rev. 1 Jul-02
10A
20A
30A
40A
50A
60A
70A
0,0mJ
5,0mJ
10,0mJ
15,0mJ
20,0mJ
25,0mJ
E
ts*
E
off
*) E
on and Etsinclude losses
due to diode recovery
E
on*
5Ω
15Ω
25Ω
35Ω
0 mJ
5 mJ
10 mJ
15 mJ
E
ts*
E
on*
*) E
on and Ets include losses
due to diode recovery
E
off
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 13. Typical switching energy losses
as a function of collector current
(inductive load, TJ=150°C,
VCE=600V, VGE=0/15V, RG=15Ω,
Dynamic test circuit in Figure E)
Figure 14. Typical switching energy losses
as a function of gate resistor
(inductive load, TJ=150°C,
VCE=600V, VGE=0/15V, IC=40A,
Dynamic test circuit in Figure E)
50°C
100°C
150°C
0mJ
5mJ
10mJ
15mJ
E
ts*
E
on*
*) E
on and Ets include losses
due to diode recovery
E
off
400V
500V
600V
700V
800V
0mJ
5mJ
10mJ
15mJ
E
ts*
E
on*
*) E
on and Ets include losses
due to diode recovery
E
off
TJ, JUNCTION TEMPERATURE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 15. Typical switching energy losses
as a function of junction
temperature
(inductive load, VCE=600V,
VGE=0/15V, IC=40A, RG=15Ω,
Dynamic test circuit in Figure E)
Figure 16. Typical switching energy losses
as a function of collector emitter
voltage
(inductive load, TJ=150°C,
VGE=0/15V, IC=40A, RG=15Ω,
Dynamic test circuit in Figure E)


Similar Part No. - IKW40T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40T120 INFINEON-IKW40T120 Datasheet
516Kb / 16P
   IGBT in TrenchStop and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.3 12.03.2013
IKW40T120 INFINEON-IKW40T120_13 Datasheet
516Kb / 16P
   IGBT in TrenchStop and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.3 12.03.2013
More results

Similar Description - IKW40T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHP10T120 INFINEON-IHP10T120 Datasheet
334Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Jun-04
IKP15N60T INFINEON-IKP15N60T Datasheet
402Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 May 06
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 May 06
IKP04N60T INFINEON-IKP04N60T Datasheet
365Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKP10N60T INFINEON-IKP10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IKP06N60T INFINEON-IKP06N60T Datasheet
359Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 May 06
IKW08T120 INFINEON-IKW08T120 Datasheet
343Kb / 15P
   LOW LOSS DUOPACK - IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI - PARALLEL EMCON HE DIODE
Rev. 1 Oct-03
IKW30N60T INFINEON-IKW30N60T Datasheet
397Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dev-04
IKA06N60T INFINEON-IKA06N60T Datasheet
354Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com