Electronic Components Datasheet Search |
|
AIC1610POTR Datasheet(PDF) 6 Page - Analog Intergrations Corporation |
|
AIC1610POTR Datasheet(HTML) 6 Page - Analog Intergrations Corporation |
6 / 16 page AIC1610/AIC1611 TYPICAL PERFORMANCE CHARACTERISTICS (Continued) Fig. 7 Ripple Voltage (ref. to Fig.33) Output Current (mA) 0 100 200 300 400 500 600 700 800 0 40 80 120 160 200 240 VIN=2.4V VOUT=5.0V L=22 µH CIN=100µF COUT=100µF VIN=3.6V VIN=1.2V AIC1610 (ILIMIT =1A) Fig. 8 Efficiency vs. Load Current (ref. to Fig.33) Output Current (mA) 0.01 0.1 1 10 100 1000 0 10 20 30 40 50 60 70 80 90 100 VIN=3.6V VIN=1.2V VIN=2.4V AIC1611 (ILIMIT =0.65A) VOUT=5.0V (FB=GND) Fig. 9 Ripple Voltage (ref. to Fig.33) Output Current (mA) 0 50 100 150 200 250 300 350 400 450 500 550 0 20 40 60 80 100 120 140 160 VOUT=5.0V L=22 µH CIN=47µF COUT=47µF VIN=3.6V VIN=2.4V VIN=1.2V AIC1611 (ILIMIT =0.65A) Fig. 10 Ripple Voltage (ref. to Fig.33) Output Current (mA) 0 100 200 300 400 500 600 0 20 40 60 80 100 120 VIN=2.4V VIN=1.2V VOUT=5.0V L=22 µH CIN=100µF COUT=100µF VIN=3.6V AIC1611 (ILIMIT =0.65A) Fig. 11 Efficiency vs. Load Current (ref. to Fig.32) Output Current (mA) 0.01 0.1 1 10 100 1000 0 10 20 30 40 50 60 70 80 90 100 VIN=2.4V VIN=1.2V AIC1610 (ILIMIT =1A) VOUT=3.3V (FB=OUT) Fig. 12 Ripple Voltage (ref. to Fig.32) Output Current (mA) 0 50 100 150 200 250 300 350 400 450 500 550 600 0 20 40 60 80 100 120 140 160 180 200 220 240 260 VIN=1.2V VOUT=3.3V L=22 µH CIN=47µF COUT=47µF VIN=2.4V AIC1610 (ILIMIT =1A) TYPICAL PERFORMANCE CHARACTERISTICS (Continued) 6 |
Similar Part No. - AIC1610POTR |
|
Similar Description - AIC1610POTR |