Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M57950L Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M57950L
Description  HYBRID IC FOR DRIVING TRANSISTOR MODULES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M57950L Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M57950L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M57950L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M57950L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M57950L Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M57950L Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb.1999
MITSUBISHI HYBRID ICs
M57950L
HYBRID IC FOR DRIVING TRANSISTOR MODULES
M57950L Typical application circuit
M57950L
12
34
56
78
+5V
SINK
10mA
VIN
VEE
+
Cext
R2
Rext
VCC
VO
IO
IC
1/2QM50DY etc.
+
C1
+
C2
50/60HZ
AC
VIN
t
0
VI
–IO
0
IOH(IB1)
IOLP(IB2)
t
t
VO
0
VOH
VOL
R1
ZD
LOAD
INPUT
DRIVER
TTL etc.
EXPLANATION OF FUNCTION
(cf. Fig. 2, 3, 4, and 5)
(1) With low input level (Vin=0 ~ 1V)
Tr1 ...... OFF, Tr2 ...... ON
The base terminal of transistor module is reverse biased with re-
spect to its emitter by reverse power supply VEE.
(2) With high input level (Vin=4 ~ 5V)
Tr1 ...... ON, Tr2 ...... OFF
The base terminal of transistor module is forward biased and
drived by the current IOH through the resistor Rext.
Note: IOH and IOLP correspond to base forward current IB1
and base reverse current IB2 of the transistor module
to be driven respectively.
(3) With low input level (Vin=0 ~ 1V)
Tr1 ...... OFF, Tr2 ...... ON
The base terminal of transistor module is reverse biased as
stated in (1) after flowing reverse recovery pulse current IOLP. The
steady reverse base current is limited by the internal base-emit-
ter resistor RBE of the transistor module.
M57950L Typical operating waveform


Similar Part No. - M57950L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M57951L MITSUBISHI-M57951L Datasheet
42Kb / 4P
   HYBRID IC FOR DRIVING TRANSISTOR MODULES
M57955L MITSUBISHI-M57955L Datasheet
32Kb / 4P
   HYBRID IC FOR DRIVING HIGH BETA TRANSISTOR MODULES
M57957L MITSUBISHI-M57957L Datasheet
29Kb / 2P
   HYBRID IC FOR DRIVING IGBT MODULES
M57958L MITSUBISHI-M57958L Datasheet
31Kb / 2P
   HYBRID IC FOR DRIVING IGBT MODULES
M57959 MITSUBISHI-M57959 Datasheet
24Kb / 2P
   HYBRID IC FOR DRIVING IGBT MODULES
More results

Similar Description - M57950L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M57925L MITSUBISHI-M57925L Datasheet
50Kb / 5P
   HYBRID IC FOR DRIVING TRANSISTOR MODULES
M57917L MITSUBISHI-M57917L Datasheet
37Kb / 4P
   HYBRID IC FOR DRIVING TRANSISTOR MODULES
M57915L MITSUBISHI-M57915L Datasheet
37Kb / 4P
   HYBRID IC FOR DRIVING TRANSISTOR MODULES
M57951L MITSUBISHI-M57951L Datasheet
42Kb / 4P
   HYBRID IC FOR DRIVING TRANSISTOR MODULES
M57916L MITSUBISHI-M57916L Datasheet
44Kb / 4P
   HYBRID IC FOR DRIVING TRANSISTOR MODULES
M57955L MITSUBISHI-M57955L Datasheet
32Kb / 4P
   HYBRID IC FOR DRIVING HIGH BETA TRANSISTOR MODULES
logo
Isahaya Electronics Cor...
M57174BL-06B ISAHAYA-M57174BL-06B Datasheet
318Kb / 7P
   HYBRID IC FOR DRIVING IGBT MODULES
M57962CL-01 ISAHAYA-M57962CL-01 Datasheet
354Kb / 7P
   HYBRID IC FOR DRIVING IGBT MODULES
M57161L-01 ISAHAYA-M57161L-01 Datasheet
503Kb / 10P
   HYBRID IC FOR DRIVING IGBT MODULES
NPEM57959AL ISAHAYA-NPEM57959AL Datasheet
302Kb / 7P
   Hybrid IC for driving IGBT modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com