Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60CTQ045 Datasheet(PDF) 1 Page - International Rectifier

Part # 60CTQ045
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60CTQ045 Datasheet(HTML) 1 Page - International Rectifier

  60CTQ045 Datasheet HTML 1Page - International Rectifier 60CTQ045 Datasheet HTML 2Page - International Rectifier 60CTQ045 Datasheet HTML 3Page - International Rectifier 60CTQ045 Datasheet HTML 4Page - International Rectifier 60CTQ045 Datasheet HTML 5Page - International Rectifier 60CTQ045 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCHOTTKY RECTIFIER
60 Amp
60CTQ045
Bulletin PD-20267 rev. B 12/01
1
Major Ratings and Characteristics
I
F(AV) Rectangular waveform
60
A
(Per Device)
I
FRM @ TC = 113°C
60
A
(Per Leg)
V
RRM
45
V
I
FSM @ tp = 5 µs sine
1500
A
V
F
@ 30Apk,T
J = 125°C
0.53
V
T
J
range
- 65 to 150
°C
Characteristics
Values
Units
Description/Features
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150° C junction
temperature. Typical applications are in switching power
supplies, converters, free-wheeling diodes, and reverse bat-
tery protection.
150° C T
J operation
Center tap TO-220 package
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Case Styles
60CTQ045
TO-220
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
www.irf.com


Similar Part No. - 60CTQ045

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60CTQ045 IRF-60CTQ045 Datasheet
129Kb / 6P
   SCHOTTKY RECTIFIER 60 Amp
logo
Vishay Siliconix
60CTQ045 VISHAY-60CTQ045 Datasheet
88Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
logo
Thinki Semiconductor Co...
60CTQ045 THINKISEMI-60CTQ045 Datasheet
531Kb / 2P
   60 Ampere,45 Volt Dual Common Cathode Super Schottky Barrier Rectifier
Rev.12T
logo
Inchange Semiconductor ...
60CTQ045 ISC-60CTQ045 Datasheet
349Kb / 2P
   Schottky Rectifier
logo
Vishay Siliconix
60CTQ045-N3 VISHAY-60CTQ045-N3 Datasheet
155Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 29-Aug-11
More results

Similar Description - 60CTQ045

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com