Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM534022E Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM534022E
Description  262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM534022E Datasheet(HTML) 4 Page - OKI electronic componets

  MSM534022E Datasheet HTML 1Page - OKI electronic componets MSM534022E Datasheet HTML 2Page - OKI electronic componets MSM534022E Datasheet HTML 3Page - OKI electronic componets MSM534022E Datasheet HTML 4Page - OKI electronic componets MSM534022E Datasheet HTML 5Page - OKI electronic componets MSM534022E Datasheet HTML 6Page - OKI electronic componets MSM534022E Datasheet HTML 7Page - OKI electronic componets MSM534022E Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MSM534022E
4
Recommended Operating Conditions
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Operating Temperature
Storage Temperature
Power Supply Voltage
Input Voltage
Output Voltage
Power Dissipation
Parameter
Symbol
Unit
Rated Value
Conditions
Power Supply Voltage
"H" Input Voltage
"L" Input Voltage
Parameter
Symbol
Unit
5.25
Typ.
4.75
Conditions
V
V
V
W
Min.
Max.
5.0
V
0.0
0.0
0.0
V
2.2
5.0
V
0.8
0.0
V
Operating Temperature
70
0
Rated Value
"H" Output Voltage
"L" Output Voltage
Parameter
Symbol
Unit
Typ.
2.4
Conditions
Min.
Max.
Power Supply Current
(Operating)
V
0.4
V
10
µA
45
mA
50
µA
500
µA
Input Leakage Current
Output Leakage Current
Power Supply Current
(Standby)
10
µA
DC Characteristics
Rated Value
(V
CC = 5V±5%, Ta = 0 to 70°C)
–0.3 to 7
–0.3 to V
CC + 0.5
–0.3 to V
CC + 0.5
0 to 70
–55 to 150
1.0
°C
°C
Per Package T
opr = 25°C
to V
SS
–0.3
°C
I
OH = –400µA
I
OH = 2.1mA
–10
–10
——
——
CE = V
CC–0.2V
CE = V
IH MIN
V
I = 0 to VCC
V
O = 0 to VCC
CE = V
IH MIN
CE = V
IL
,OE = VIH,tC = 80ns
V
OH
I
LI
I
LO
I
CC
I
CCS
I
CCS1
V
OL
T
opr
T
stg
V
CC
V
I
V
O
P
D
V
CC
V
SS
V
IH
V
IL
T
opr
V
CC + 0.5


Similar Part No. - MSM534022E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM534001E OKI-MSM534001E Datasheet
66Kb / 8P
   524,288-Word x 8-Bit MASKROM
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534031E OKI-MSM534031E Datasheet
71Kb / 9P
   524,288-Word x 8-Bit MASKROM
MSM534032E OKI-MSM534032E Datasheet
74Kb / 9P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534052E OKI-MSM534052E Datasheet
77Kb / 8P
   262,144-Words x 16-bit or 524,288-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
More results

Similar Description - MSM534022E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM534032E OKI-MSM534032E Datasheet
74Kb / 9P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM538022E OKI-MSM538022E Datasheet
72Kb / 8P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM538032E OKI-MSM538032E Datasheet
101Kb / 9P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM534001E OKI-MSM534001E Datasheet
66Kb / 8P
   524,288-Word x 8-Bit MASKROM
MSM534031E OKI-MSM534031E Datasheet
71Kb / 9P
   524,288-Word x 8-Bit MASKROM
MSM27C402CZ OKI-MSM27C402CZ Datasheet
93Kb / 13P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V402D OKI-MR27V402D Datasheet
84Kb / 11P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MSM27C452CZ OKI-MSM27C452CZ Datasheet
92Kb / 12P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V452D OKI-MR27V452D Datasheet
82Kb / 10P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com