Electronic Components Datasheet Search |
|
XRT94L43IB Datasheet(PDF) 3 Page - Exar Corporation |
|
XRT94L43IB Datasheet(HTML) 3 Page - Exar Corporation |
3 / 7 page xr xr xr xr XRT94L43 SONET/SDH STS-12/STM-4 12 E3/DS3/STS-1 MAPPER PRELIMINARY REV. P1.0.0 3 PRODUCT FEATURES SONET TRANSMITTER • Performs standard STS-12/STM-4 Transmit Pro- cessing • Conforms to ITU-T 1.432, ANSI T1.105 and Bellcore GR-253 Standards • Provides 155.52 MHz 16-bit parallel interface • Performs SONET frame insertion and accepts external frame synchronization • Performs Optional Transmit Data Scrambling • Performs POH,TOH generation/insertion • Generates transmit payload pointer (H1,H2) (fixed at 522) with NDF insertion • Inserts A1/A2 with optional error mask • Computes and inserts BIP-8 (B1,B2) with optional error mask • Generates AIS-L, REI-L and RDI-L according to receiver state with option of SW/HW insertion • Inserts LOS and forces SEF by software • Generates RDI-P and REI-P automatically with optional SW/HW override • Inserts fixed-stuff columns, calculates and inserts B3 error code SONET RECEIVER • Performs standard STS-12/STM-4 receive process- ing • Provides fully programmable threshold detection for SD and SF condition • Provides section trace buffer with mismatch detec- tion and invalid message detection • Performs SONET Frame Synchronization • Supports NDF, positive stuff and negative stuff for pointer processor • Performs receive data de-scrambling • Performs POH and TOH interpretation/extraction • Interprets payload pointer (H1,H2) • Extracts data communication channels from D1-D3 and D4-D12 • Detects Out of Frame (OOF), Loss of Frame(LOF), Loss of Signal(LOS) AND APS failure • Detects Line Alarm Indication (L-AIS), Line Remote Defect Indication (L-RDI) and Loss of Pointer • Detects Path Alarm Indication, Path Remote Defect Indication and Path extended RDI • Provides Signal Label Monitor with PLM detection • Supports path trace buffer with TIM-P and invalid message detection • Computes and compare B3, REI-L and REI-P errors • Computes and compare BIP-8 (B1,B2) and counts the errors MAPPER • Performs standard SONET STS-1 mapping for DS3 conforming with Bellcore GR-253 and GR-499 • Performs SDH VC-3 mapping for DS3 and E3 to conform ITU-T G.707 • Implements AU-3 to VC-3 multiplexing and de-mul- tiplexing • Provides STS-1 mapping and de-mapping func- tions • Accepts data from external STS-1 inputs • In the transmit direction, provides STS-1 framing, descrambling, performance monitoring and pointer processing functions • In the receive direction, provides frame generation and scrambling SONET/SDH INTERFACE • Supports an 8-bit parallel interface at 77.76 MHz for STS-12/STM-4 in Telecom bus format. • Supports an 8-bit parallel interface at 19.44 MHz for STS-3/STM-1 in Telecom bus format. • Serial Interface at 622.08 MHz with SERDES APS SUPPORT • Supports both 1+1 and 1:1 configurations • APS interface consists of two Serial Interface with SERDES. • Provides both input and output interface for APS E3/DS3/STS-1 INTERFACE • Supports up to 12 E3/DS3/STS-1 tributaries • In the receive direction, generates the single-rail or dual-rail data along with smoothed E3/DS3 clock as well as start of frame indication • Provides RX serial and single-rail (NRZ) data and clock at 51.84 MHz for STS-1E • In transmit direction, accepts clear channel E3/DS3 signal and performs framing on incoming signal DS3 RECEIVE FRAMER • Offers off-line framing algorithm • Complies with the standards as: Bellcore TR-NWT- 000499 and TR-NWT-000009 • Supports overhead extraction • Provides line code violation detection and excess zero count • Reports and counts FEBE |
Similar Part No. - XRT94L43IB |
|
Similar Description - XRT94L43IB |