Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS3C2F100 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STS3C2F100
Description  COMPLEMENTARY PAIR STripFETTM POWER MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3C2F100 Datasheet(HTML) 4 Page - STMicroelectronics

  STS3C2F100 Datasheet HTML 1Page - STMicroelectronics STS3C2F100 Datasheet HTML 2Page - STMicroelectronics STS3C2F100 Datasheet HTML 3Page - STMicroelectronics STS3C2F100 Datasheet HTML 4Page - STMicroelectronics STS3C2F100 Datasheet HTML 5Page - STMicroelectronics STS3C2F100 Datasheet HTML 6Page - STMicroelectronics STS3C2F100 Datasheet HTML 7Page - STMicroelectronics STS3C2F100 Datasheet HTML 8Page - STMicroelectronics STS3C2F100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STS3C2F100
4/11
Safe Operating Area
n-ch
Thermal Impedance
n-ch
Output Characteristics
n-ch
Transfer Characteristics
n-ch
Transconductance
n-ch
Static Drain-source On Resistance
n-ch


Similar Part No. - STS3C2F100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
   N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET??II POWER MOSFET
More results

Similar Description - STS3C2F100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Vishay Siliconix
SI1555DL VISHAY-SI1555DL_10 Datasheet
236Kb / 12P
   Complementary Low-Threshold MOSFET Pair
Rev. E, 03-May-10
logo
Diodes Incorporated
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com