Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G386GW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC1G386GW
Description  3-input EXCLUSIVE-OR gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G386GW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC1G386GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G386GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G386GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G386GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G386GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G386GW Datasheet HTML 10Page - NXP Semiconductors 74LVC1G386GW Datasheet HTML 11Page - NXP Semiconductors 74LVC1G386GW Datasheet HTML 12Page - NXP Semiconductors 74LVC1G386GW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2003 Nov 04
9
Philips Semiconductors
Product specification
3-input EXCLUSIVE-OR gate
74LVC1G386
AC CHARACTERISTICS
GND = 0 V.
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay
A, B, C to Y
see Figs 5 and 6;
note 1
1.65 to 1.95
2.0
8.0
17.0
ns
2.3 to 2.7
1.5
5.0
9.0
ns
2.7
1.5
5.0
8.5
ns
3.0 to 3.6
1.0
4.5
7.5
ns
4.5 to 5.5
1.0
3.5
5.5
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay
A, B, C to Y
see Figs 5 and 6
1.65 to 1.95
2.0
22.0
ns
2.3 to 2.7
1.5
11.5
ns
2.7
1.5
11.0
ns
3.0 to 3.6
1.0
9.5
ns
4.5 to 5.5
1.0
7.0
ns


Similar Part No. - 74LVC1G386GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G386GW NXP-74LVC1G386GW Datasheet
71Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 02-3 September 2007
logo
Nexperia B.V. All right...
74LVC1G386GW NEXPERIA-74LVC1G386GW Datasheet
215Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 5 - 1 February 2022
More results

Similar Description - 74LVC1G386GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G386 NEXPERIA-74LVC1G386 Datasheet
215Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 5 - 1 February 2022
logo
NXP Semiconductors
74LVC1G386 NXP-74LVC1G386 Datasheet
71Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 02-3 September 2007
logo
ON Semiconductor
NC7SZ386 ONSEMI-NC7SZ386 Datasheet
309Kb / 8P
   UHS 3-Input Exclusive-OR Gate
Revised May 2014
logo
Fairchild Semiconductor
NC7SZ386 FAIRCHILD-NC7SZ386_04 Datasheet
150Kb / 7P
   TinyLogic UHS 3-Input Exclusive-OR Gate
logo
Nexperia B.V. All right...
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
logo
Fairchild Semiconductor
NC7SZ386 FAIRCHILD-NC7SZ386 Datasheet
107Kb / 7P
   TinyLogic UHS 3-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AUP1G386 NXP-74AUP1G386 Datasheet
93Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 03-2 July 2009
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com