Electronic Components Datasheet Search |
|
TD350ID Datasheet(PDF) 1 Page - STMicroelectronics |
|
TD350ID Datasheet(HTML) 1 Page - STMicroelectronics |
1 / 11 page August 2004 Revision 1 1/11 s 0.75A source/1.2A sink min gate drive s Active Miller clamp feature s Two steps turn-off with adjustable level and delay s Desaturation detection s Fault status output s Negative gate drive ability s Input compatible with pulse transformer or optocoupler s Separate sink and source outputs for easy gate drive s UVLO protection s 2kV ESD protection Description TD350 is an advanced gate driver for IGBT and power MOSFET. Control and protection functions are included and allow the design of high reliability systems. Innovative active Miller clamp function avoids the need of negative gate drive in most applications and allows the use of a simple bootstrap supply for the high side driver TD350 includes a two-level turn-off feature with adjustable level and delay. This function protects against excessive overvoltage at turn-off in case of overcurrent or short-circuit condition. Same delay is applied at turn-on to prevent pulse width distortion. TD350 also includes an IGBT desaturation protection and a FAULT status output. TD350 is compatible with both pulse transformer and optocoupler signals. Applications s 1200V 3-Phase Inverter s Motor Control s UPS Systems Pin Connections (top view) Order Codes D SO-14 (Plastic MicroPackage) COFF IN LVOFF OUTH VH DESAT TD350 NC NC FAULT CLAMP OUTL GND VREF VL 5 1 2 6 4 3 7 10 14 13 9 11 12 8 Part Number Temperature Range Package Packaging TD350ID -40, +125°C SO Tube TD350IDT Tape & Reel TD350 Advanced IGBT/MOSFET Driver |
Similar Part No. - TD350ID |
|
Similar Description - TD350ID |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |