Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1333ETE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1333ETE
Description  3Msps/2Msps, 5V/3V, 2-Channel, True-Differential 12-Bit ADCs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1333ETE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1333ETE Datasheet HTML 6Page - Maxim Integrated Products MAX1333ETE Datasheet HTML 7Page - Maxim Integrated Products MAX1333ETE Datasheet HTML 8Page - Maxim Integrated Products MAX1333ETE Datasheet HTML 9Page - Maxim Integrated Products MAX1333ETE Datasheet HTML 10Page - Maxim Integrated Products MAX1333ETE Datasheet HTML 11Page - Maxim Integrated Products MAX1333ETE Datasheet HTML 12Page - Maxim Integrated Products MAX1333ETE Datasheet HTML 13Page - Maxim Integrated Products MAX1333ETE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
3Msps/2Msps, 5V/3V, 2-Channel, True-
Differential 12-Bit ADCs
10
______________________________________________________________________________________
-1.0
-0.6
-0.8
-0.2
-0.4
0.2
0
0.4
0.8
0.6
1.0
0
1024 1536
512
2048 2560 3072 3584 4096
INTEGRAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
fSCLK = 32MHz
-1.0
-0.6
-0.8
-0.2
-0.4
0.2
0
0.4
0.8
0.6
1.0
0
1024 1536
512
2048 2560 3072 3584 4096
DIFFERENTIAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
fSCLK = 32MHz
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
AVDD = +3V
3.5
3.4
3.2 3.3
2.9 3.0 3.1
2.8
-3
-2
-1
0
1
2
3
4
-4
2.7
3.6
OFFSET ERROR vs. AVDD
DVDD = AVDD
AVDD (V)
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
AVDD = +3V
3.5
3.4
2.8 2.9 3.0
3.2
3.1
3.3
2.7
3.6
GAIN ERROR vs. AVDD
AVDD (V)
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
DVDD = AVDD
AVDD SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
8.0
-40
85
ZERO-SCALE INPUT
fSCLK = 40MHz
AVDD SUPPLY CURRENT vs. fSCLK
fSCLK (MHz)
35
30
5
10
15
20
25
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
8.0
040
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
8.0
AVDD (V)
AVDD = DVDD
ZERO-SCALE INPUT
fSCLK = 40MHz
AVDD SUPPLY CURRENT vs. AVDD
3.5
3.4
2.8 2.9 3.0
3.2
3.1
3.3
2.7
3.6
Typical Operating Characteristics (continued)
(AVDD = +3V, DVDD = +3V, VREF = 2.5V, fSCLK = 40MHz. TA = +25°C, unless otherwise noted.)
MAX1333


Similar Part No. - MAX1333ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13330 MAXIM-MAX13330 Datasheet
248Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
MAX13330 MAXIM-MAX13330 Datasheet
382Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 1; 4/09
MAX13330 MAXIM-MAX13330 Datasheet
393Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 3; 7/11
MAX13330 MAXIM-MAX13330 Datasheet
134Kb / 7P
   Low-Profile (1.2mm, max) Design
Rev 1; 4/09
MAX13330GEE MAXIM-MAX13330GEE Datasheet
393Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 3; 7/11
More results

Similar Description - MAX1333ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11102_1108 MAXIM-MAX11102_1108 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 5; 8/11
MAX11102 MAXIM-MAX11102 Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11102 MAXIM-MAX11102_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
   150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX11102 MAXIM-MAX11102_11 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage
Rev 4; 2/11
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com