Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R3024V1D-HI10 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K6R3024V1D-HI10
Description  128K x 24 Bit High-Speed CMOS Static RAM(3.3V Operating)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R3024V1D-HI10 Datasheet(HTML) 9 Page - Samsung semiconductor

  K6R3024V1D-HI10 Datasheet HTML 1Page - Samsung semiconductor K6R3024V1D-HI10 Datasheet HTML 2Page - Samsung semiconductor K6R3024V1D-HI10 Datasheet HTML 3Page - Samsung semiconductor K6R3024V1D-HI10 Datasheet HTML 4Page - Samsung semiconductor K6R3024V1D-HI10 Datasheet HTML 5Page - Samsung semiconductor K6R3024V1D-HI10 Datasheet HTML 6Page - Samsung semiconductor K6R3024V1D-HI10 Datasheet HTML 7Page - Samsung semiconductor K6R3024V1D-HI10 Datasheet HTML 8Page - Samsung semiconductor K6R3024V1D-HI10 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
K6R3024V1D
CMOS SRAM
Revision 1.0
- 9 -
December 2001
for AT&T
0.750
±0.15
1.27
1.27
12.50
±0.10
0.60
±0.10
0.60
±0.10
1.50REF
C1.00
C0.70
14.00
±0.10
22.00
±0.10
20.50
±0.10
NOTE :
1. All Dimensions are in Millimeters.
2. Solder Ball to PCB Offset : 0.10 MAX.
3. PCB to Cavity Offset : 0.10 MAX.
Indicator of
Ball(1A) Location
119 BGA PACKAGE DIMENSIONS


Similar Part No. - K6R3024V1D-HI10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004C1A SAMSUNG-K6R1004C1A Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004C1A-12 SAMSUNG-K6R1004C1A-12 Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004C1A-15 SAMSUNG-K6R1004C1A-15 Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004C1A-20 SAMSUNG-K6R1004C1A-20 Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004C1A-C12 SAMSUNG-K6R1004C1A-C12 Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
More results

Similar Description - K6R3024V1D-HI10

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12824 ISSI-IS61LV12824 Datasheet
77Kb / 13P
   128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Samsung semiconductor
KM681001A SAMSUNG-KM681001A Datasheet
165Kb / 9P
   128K x 8 Bit High-Speed CMOS Static RAM
KM681001B SAMSUNG-KM681001B Datasheet
181Kb / 9P
   128K x 8 Bit High-Speed CMOS Static RAM
logo
Integrated Device Techn...
IDT7MMV4101 IDT-IDT7MMV4101 Datasheet
86Kb / 8P
   128K x 24 Three Megabit 3.3V CMOS Static RAM
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
logo
Integrated Silicon Solu...
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS61LV12816-12LQI ISSI-IS61LV12816-12LQI Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com