Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM1232LPSN Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM1232LPSN
Description  5V uP Power Supply Monitor and Reset Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1232LPSN Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM1232LPSN Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1232LPSN Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1232LPSN Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1232LPSN Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1232LPSN Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1232LPSN Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1232LPSN Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1232LPSN Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1232LPSN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
Notice: The information in this document is subject to change without notice
5V µP Power Supply Monitor and Reset Circuit
ASM1232LP/LPS
January 2005
rev 1.5
Detailed Description
The ASM1232LP/LPS monitors the microprocessor or
microcontroller power supply and generates reset signal,
both active HIGH and Active LOW, that halt processor
operation whenever the power supply voltage levels are
outside a predetermined tolerance.
RESET and RESET outputs
RESET is an active HIGH signal developed by a CMOS
push-pull output stage and is the logical opposite to RESET.
RESET is an active LOW signal. It is developed with an open
drain driver. A pull up resistor of typical value 10k
Ω to 50kΩ is
required to connect with the output.
Trip Point Tolerance Selection
The TOL input is used to determine the level VCC can vary
below 5V without asserting a reset. With TOL conected to
VCC, RESET and RESET become active whenever VCC falls
below 4.5V. RESET and RESET become active when the
VCC falls below 4.75V if TOL is connected to ground.
After VCC has risen above the trip point set by TOL, RESET
and RESET remain active for a minimum time period of
250ms. On power-down, once VCC falls below the reset
threshold RESET stays LOW and is guaranteed to be 0.4V or
less until VCC drops below 1.2V. The active HIGH reset signal
is valid down to a VCC level of 1.2V also.
Application Information
Manual Reset Operation
Push-button switch input, PBRST, allows the user to override
the internal trip point detection circuits and issue reset
signals. The pushbutton input is debounced and is pulled
HIGH through an internal 40k
Ω resistor.
Tolerance
Select
Tolerance
TRIP Point Voltage
(V)
Min
Nom
Max
TOL = VCC
10%
4.25
4.37
4.49
TOL = GND
5%
4.5
4.62
4.74
VOH
VOL
tRPU
RESET
RESET
VCCTP(MIN)
VCCTP(MAX)
VCCTP
tR
VCC
Figure 1: Timing Diagram : Power Up
VOH
VOL
VCCTP (MAX)
VCCTP
VCCTP (MIN)
RESET
RESET
tF
VCC
tRPD
Figure 2: Timing Diagram : Power Down


Similar Part No. - ASM1232LPSN

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM1232LPSN PULSECORE-ASM1232LPSN Datasheet
285Kb / 10P
   5V 關P Power Supply Monitor and Reset Circuit
logo
ON Semiconductor
ASM1232LPSN ONSEMI-ASM1232LPSN Datasheet
173Kb / 12P
   5 V P Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM1232LPSN-2 PULSECORE-ASM1232LPSN-2 Datasheet
285Kb / 10P
   5V 關P Power Supply Monitor and Reset Circuit
logo
ON Semiconductor
ASM1232LPSN-2 ONSEMI-ASM1232LPSN-2 Datasheet
173Kb / 12P
   5 V P Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM1232LPSN-2F PULSECORE-ASM1232LPSN-2F Datasheet
285Kb / 10P
   5V 關P Power Supply Monitor and Reset Circuit
More results

Similar Description - ASM1232LPSN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1832 ALSC-ASM1832 Datasheet
259Kb / 9P
   3.3V UP Power Supply Monitor and Reset Circuit
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
   5V 關P Power Supply Monitor and Reset Circuit
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
ON Semiconductor
ASM1832 ONSEMI-ASM1832 Datasheet
163Kb / 9P
   Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
ASM1232LP ONSEMI-ASM1232LP Datasheet
173Kb / 12P
   5 V P Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM1832 PULSECORE-ASM1832 Datasheet
202Kb / 9P
   3.3V 關P Power Supply Monitor and Reset Circuit
logo
IMP, Inc
IMP1232LP IMP-IMP1232LP Datasheet
104Kb / 7P
   5V 關P Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit
logo
Alliance Semiconductor ...
ASM1834 ALSC-ASM1834 Datasheet
256Kb / 10P
   Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
logo
IMP, Inc
IMP1834 IMP-IMP1834 Datasheet
245Kb / 8P
   Dual 5V and 3.3V uP Power Supply Supervisors w/Manual Reset
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com