Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A5017 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A5017
Description  14-OHM DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A5017 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS3A5017 Datasheet HTML 7Page - Texas Instruments TS3A5017 Datasheet HTML 8Page - Texas Instruments TS3A5017 Datasheet HTML 9Page - Texas Instruments TS3A5017 Datasheet HTML 10Page - Texas Instruments TS3A5017 Datasheet HTML 11Page - Texas Instruments TS3A5017 Datasheet HTML 12Page - Texas Instruments TS3A5017 Datasheet HTML 13Page - Texas Instruments TS3A5017 Datasheet HTML 14Page - Texas Instruments TS3A5017 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TS3A5017
14 W DUAL SP4T ANALOG SWITCH
3.3V/2.5V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SCDS188 – JANUARY 2005
www.ti.com
11
PARAMETER MEASUREMENT INFORMATION
V+
ID
ron +
V
D * VS2
*S4 or VS1
I
D
W
GND
Channel ON
S1
VI
S2-S4
D
VD
VI = VIH or VIL
VS2-S4
VS1
IN or EN
+
+
Figure 13. ON-State Resistance (ron)
Channel OFF
VD = V+ to 0
OFF-State Leakage Current
and
VI = VIH or VIL
VS1 or VS2-S4 = 0 to V+
V+
GND
VI
DVD
+
+
+
VS2-S4
VS1
S2-S4
S1
IN or EN
Figure 14. OFF-State Leakage Current (ID(OFF), IS(OFF), INO(OFF)
Channel ON
ON-State Leakage Current
VI = VIH or VIL
V+
GND
VI
D
VD
+
+
IN or EN
VS2-S4
VS1
S2-S4
S1
Figure 15. ON-State Leakage Current (ID(ON), IS(ON))


Similar Part No. - TS3A5017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5017 TI-TS3A5017 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI1-TS3A5017 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI1-TS3A5017 Datasheet
468Kb / 24P
[Old version datasheet]   2-Channel, 4:1, Analog Switch for Automotive Applications
TS3A5017-Q1 TI1-TS3A5017-Q1 Datasheet
468Kb / 24P
[Old version datasheet]   2-Channel, 4:1, Analog Switch for Automotive Applications
TS3A5017D TI-TS3A5017D Datasheet
1Mb / 30P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS3A5017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5017 TI-TS3A5017_10 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI1-TS3A5017_14 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5017 Dual SP4T Analog Switch / Multiplexer / Demultiplexer
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI-TS5A23160 Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI-TS5A3160 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624 Datasheet
329Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com