Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST34HF1602D-70-4C-L1SE Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST34HF1602D-70-4C-L1SE
Description  16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST34HF1602D-70-4C-L1SE Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST34HF1602D-70-4C-L1SE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST34HF1602D-70-4C-L1SE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST34HF1602D-70-4C-L1SE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST34HF1602D-70-4C-L1SE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST34HF1602D-70-4C-L1SE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST34HF1602D-70-4C-L1SE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST34HF1602D-70-4C-L1SE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST34HF1602D-70-4C-L1SE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST34HF1602D-70-4C-L1SE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Advance Information
16 Mbit Concurrent SuperFlash + 2/4/8 Mbit SRAM ComboMemory
SST34HF1602C / SST34HF1622C / SST34HF1642C
SST34HF1642D / SST34HF1682D / SST34HF1622S / SST34HF1642S
3
©2004 Silicon Storage Technology, Inc.
S71256-00-000
3/04
Flash Word-/Byte-Program Operation
These devices are programmed on a word-by-word or
byte-by-byte basis depending on the state of the CIOF pin.
Before programming, one must ensure that the sector
which is being programmed is fully erased.
The Program operation is accomplished in three steps:
1. Software Data Protection is initiated using the
three-byte load sequence.
2. Word address and word data are loaded.
During
the
Word-Program
operation,
the
addresses are latched on the falling edge of either
BEF# or WE#, whichever occurs last. The data is
latched on the rising edge of either BEF# or WE#,
whichever occurs first.
3. The internal Program operation is initiated after
the rising edge of the fourth WE# or BEF#, which-
ever occurs first. The Program operation, once ini-
tiated, will be completed typically within 7 µs.
See Figures 9 and 10 for WE# and BEF# controlled Pro-
gram operation timing diagrams and Figure 22 for flow-
charts. During the Program operation, the only valid reads
are Data# Polling and Toggle Bit. During the internal Pro-
gram operation, the host is free to perform additional tasks.
Any commands issued during an internal Program opera-
tion are ignored.
Flash Sector- (Block-) Erase Operation
These devices offer both Sector-Erase and Block-Erase
operations. These operations allow the system to erase the
devices on a sector-by-sector (or block-by-block) basis.
The sector architecture is based on a uniform sector size of
2 KWord. The Block-Erase mode is based on a uniform
block size of 32 KWord. The Sector-Erase operation is initi-
ated by executing a six-byte command sequence with a
Sector-Erase command (30H) and sector address (SA) in
the last bus cycle. The Block-Erase operation is initiated by
executing a six-byte command sequence with Block-Erase
command (50H) and block address (BA) in the last bus
cycle. The sector or block address is latched on the falling
edge of the sixth WE# pulse, while the command (30H or
50H) is latched on the rising edge of the sixth WE# pulse.
The internal Erase operation begins after the sixth WE#
pulse. Any commands issued during the Block- or Sector-
Erase operation are ignored except Erase-Suspend and
Erase-Resume. See Figures 14 and 15 for timing wave-
forms.
Flash Chip-Erase Operation
The SST34HF16x2C/D/S provide a Chip-Erase operation,
which allows the user to erase all sectors/blocks to the “1”
state. This is useful when the device must be quickly
erased.
The Chip-Erase operation is initiated by executing a six-
byte command sequence with Chip-Erase command (10H)
at address 5555H in the last byte sequence. The Erase
operation begins with the rising edge of the sixth WE# or
BEF#, whichever occurs first. During the Erase operation,
the only valid read is Toggle Bits or Data# Polling. See
Table 7 for the command sequence, Figure 13 for timing
diagram, and Figure 26 for the flowchart. Any commands
issued during the Chip-Erase operation are ignored. When
WP# is low, any attempt to Chip-Erase will be ignored.
Flash Erase-Suspend/-Resume Operations
The Erase-Suspend operation temporarily suspends a
Sector- or Block-Erase operation thus allowing data to be
read from any memory location, or program data into any
sector/block that is not suspended for an Erase operation.
The operation is executed by issuing a one-byte command
sequence with Erase-Suspend command (B0H). The
device automatically enters read mode within 20 µs after
the Erase-Suspend command had been issued. Valid data
can be read from any sector or block that is not suspended
from an Erase operation. Reading at address location
within erase-suspended sectors/blocks will output DQ2 tog-
gling and DQ6 at “1”. While in Erase-Suspend mode, a
Word-/Byte-Program operation is allowed except for the
sector or block selected for Erase-Suspend. To resume
Sector-Erase or Block-Erase operation which has been
suspended, the system must issue an Erase-Resume
command. The operation is executed by issuing a one-byte
command sequence with Erase Resume command (30H)
at any address in the one-byte sequence.


Similar Part No. - SST34HF1602D-70-4C-L1SE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF1601-70-4C-L1P SST-SST34HF1601-70-4C-L1P Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1601-70-4C-L1P SST-SST34HF1601-70-4C-L1P Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF1601-70-4C-LFP SST-SST34HF1601-70-4C-LFP Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1601-70-4E-L1P SST-SST34HF1601-70-4E-L1P Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1601-70-4E-L1P SST-SST34HF1601-70-4E-L1P Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
More results

Similar Description - SST34HF1602D-70-4C-L1SE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST34HF1641J SST-SST34HF1641J Datasheet
966Kb / 37P
   16 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF3244 SST-SST34HF3244 Datasheet
943Kb / 41P
   32 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF32A4 SST-SST34HF32A4 Datasheet
973Kb / 37P
   32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com