Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLFP15-16F Datasheet(PDF) 7 Page - IXYS Corporation

Part # DLFP15-16F
Description  Rectifier Diodes & FRED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DLFP15-16F Datasheet(HTML) 7 Page - IXYS Corporation

Back Button DLFP15-16F Datasheet HTML 3Page - IXYS Corporation DLFP15-16F Datasheet HTML 4Page - IXYS Corporation DLFP15-16F Datasheet HTML 5Page - IXYS Corporation DLFP15-16F Datasheet HTML 6Page - IXYS Corporation DLFP15-16F Datasheet HTML 7Page - IXYS Corporation DLFP15-16F Datasheet HTML 8Page - IXYS Corporation DLFP15-16F Datasheet HTML 9Page - IXYS Corporation DLFP15-16F Datasheet HTML 10Page - IXYS Corporation DLFP15-16F Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
19
© 2004 IXYS All rights reserved
DWN
DWP
Rectifier Diodes
Type
Si-
thickn.
AB
mm
mm
mm
DWN 5
1123
4.40
2.10
0.265
DWP 5
716
4.40
2.10
0.265
DWN 2
1204
2.95
2.95
0.265
DWN 9
684
3.90
3.90
0.265
DWN 17
518
4.45
4.45
0.265
DWP 17
518
4.45
4.45
0.265
DWN 21
346
5.40
5.40
0.265
DWP 21
346
5.40
5.40
0.265
DWN 35
259
6.20
6.20
0.265
DWP 35
259
6.20
6.20
0.265
DWN 50
198
7.10
7.10
0.265
DWP 50
198
7.10
7.10
0.265
DWN 75
125
8.70
8.70
0.265
DWP 75
125
8.70
8.70
0.265
DWN 110
58
12.30
12.30
0.265
DWP 110
58
12.30
12.30
0.265
DWN 340
32
16.20
16.20
0.265
DWN 108
58
12.30
12.30
0.315
DWN 347
16
25.30
18.50
0.315
Tolerance
-0.1
-0.1
±5%
Wafer
Dimensions
Chips
per


Similar Part No. - DLFP15-16F

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLFP SCHURTER-DLFP Datasheet
499Kb / 3P
   Linear/Saturating Choke
DLFP SCHURTER-DLFP Datasheet
313Kb / 4P
   Linear/Saturating Choke
DLFP SCHURTER-DLFP Datasheet
295Kb / 3P
   Linear/Saturating Choke
14.09.2021
DLFP-0125-0501 SCHURTER-DLFP-0125-0501 Datasheet
499Kb / 3P
   Linear/Saturating Choke
DLFP-0125-0501 SCHURTER-DLFP-0125-0501 Datasheet
313Kb / 4P
   Linear/Saturating Choke
More results

Similar Description - DLFP15-16F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBE60-06A IXYS-VBE60-06A Datasheet
41Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
L566 IXYS-L566 Datasheet
54Kb / 2P
   Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE17-06NO7 IXYS-VBE17-06NO7 Datasheet
189Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-12NO7 IXYS-VBE100-12NO7 Datasheet
55Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE20 IXYS-VBE20 Datasheet
61Kb / 1P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VUE35-06NO7 IXYS-VUE35-06NO7 Datasheet
186Kb / 2P
   Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-06NO7 IXYS-VBE100-06NO7 Datasheet
53Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
logo
Shenzhen Luguang Electr...
MUR80120P LUGUANG-MUR80120P Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes FRED Pt
Revision:20220701-P1
logo
IXYS Corporation
L363 IXYS-L363 Datasheet
315Kb / 2P
   ECO-PAC Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODES (FRED)
VUE75-12NO7 IXYS-VUE75-12NO7 Datasheet
186Kb / 2P
   ECO-PAC Threee Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com