Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U7001BG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # U7001BG
Description  CT2 Front End IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

U7001BG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  U7001BG Datasheet HTML 1Page - List of Unclassifed Manufacturers U7001BG Datasheet HTML 2Page - List of Unclassifed Manufacturers U7001BG Datasheet HTML 3Page - List of Unclassifed Manufacturers U7001BG Datasheet HTML 4Page - List of Unclassifed Manufacturers U7001BG Datasheet HTML 5Page - List of Unclassifed Manufacturers U7001BG Datasheet HTML 6Page - List of Unclassifed Manufacturers U7001BG Datasheet HTML 7Page - List of Unclassifed Manufacturers U7001BG Datasheet HTML 8Page - List of Unclassifed Manufacturers U7001BG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
U7001BG
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A3, 05-Jul-96
1 (11)
CT2 Front End IC
Description
U7001BG is a monolithic GaAs transmit/ receive front
end with power amplifier, low noise amplifier and
antenna switch. It is specially designed for operation in
CT2 band and suitable for a frequency range of 839 MHz
to 952 MHz with external matching.
Electrostatic sensitive device.
Observe precautions for handling.
Features
D Low supply voltage 3.6 V typical (min. 2.7 V)
D High power added efficiency (typ. 40%)
D Low power consumption in receive mode
D Power down control pin for low noise amplifier
D Gain control of power amplifier
D Low noise amplifier
D Optional high output power 50 mW @ 5 V supply
voltage
D SSO20 plastic package
Benefits
D Extended talk time due to low power consumption and
high PAE
D Few external components and very small package
save space
Block Diagram
PA
LNA
Switch
PA In
LNA Ctrl
LNA Out
VDD(PA)
PA Ctrl
PA Out
SW TX
LNA In
SW RX
GND
SW Ant
8
3
6
7
4
1
5,9,10,11,13,15,19
20
18
17
16
LNA /SW VDD
12
14
SW Ctrl
2
94 8824
Figure 1. Block diagram


Similar Part No. - U7001BG

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U7004B ATMEL-U7004B Datasheet
237Kb / 12P
   DECT SiGe Front End IC
U7004B-MFS ATMEL-U7004B-MFS Datasheet
237Kb / 12P
   DECT SiGe Front End IC
U7004B-MFSG3 ATMEL-U7004B-MFSG3 Datasheet
237Kb / 12P
   DECT SiGe Front End IC
U7006B ATMEL-U7006B Datasheet
338Kb / 12P
   DECT SiGe Front End IC with High PAE
U7006B-MLB ATMEL-U7006B-MLB Datasheet
338Kb / 12P
   DECT SiGe Front End IC with High PAE
More results

Similar Description - U7001BG

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2760B TEMIC-U2760B Datasheet
181Kb / 14P
   CT2-RX/TX IC
logo
Toshiba Semiconductor
TA8168SN TOSHIBA-TA8168SN Datasheet
301Kb / 9P
   FM FRONT END IC
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
   GPS Front-end IC
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
   GPS FRONT-END IC
logo
Toshiba Semiconductor
TA8158F TOSHIBA-TA8158F Datasheet
235Kb / 8P
   FM FRONT END IC
logo
ATMEL Corporation
ATR0603 ATMEL-ATR0603 Datasheet
453Kb / 14P
   GPS Front-end IC
logo
Rohm
BA4413 ROHM-BA4413 Datasheet
204Kb / 7P
   FM Front End IC
logo
Toshiba Semiconductor
TA7378P TOSHIBA-TA7378P Datasheet
583Kb / 8P
   FM FRONT END IC
logo
STMicroelectronics
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
   GPS RF FRONT-END IC
logo
ATMEL Corporation
U7004B ATMEL-U7004B Datasheet
237Kb / 12P
   DECT SiGe Front End IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com