Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U7001BG Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # U7001BG
Description  CT2 Front End IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

U7001BG Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button U7001BG Datasheet HTML 3Page - List of Unclassifed Manufacturers U7001BG Datasheet HTML 4Page - List of Unclassifed Manufacturers U7001BG Datasheet HTML 5Page - List of Unclassifed Manufacturers U7001BG Datasheet HTML 6Page - List of Unclassifed Manufacturers U7001BG Datasheet HTML 7Page - List of Unclassifed Manufacturers U7001BG Datasheet HTML 8Page - List of Unclassifed Manufacturers U7001BG Datasheet HTML 9Page - List of Unclassifed Manufacturers U7001BG Datasheet HTML 10Page - List of Unclassifed Manufacturers U7001BG Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
U7001BG
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A3, 05-Jul-96
9 (11)
PA
LNA
Switch
TX
RX
U 7001 BG
Antenna
94 8836
Figure 4. Application 2
PA
LNA
Switch
GND
SW
8
3
6
7
4
1
5,9,10,11,13,15,19
20
18
17
16
12
14
2
12 nH
10 nH
100 pF
100 pF
+VDD
18 nH
LNA Ctrl
LNA/SWITCH
VDD
SWITCH Ctrl
1.5 pF
100 pF
PA In
Antenna
PA Ctrl
15 nH
LNA Out
95 9946
Figure 5. Application for minimal component count


Similar Part No. - U7001BG

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U7004B ATMEL-U7004B Datasheet
237Kb / 12P
   DECT SiGe Front End IC
U7004B-MFS ATMEL-U7004B-MFS Datasheet
237Kb / 12P
   DECT SiGe Front End IC
U7004B-MFSG3 ATMEL-U7004B-MFSG3 Datasheet
237Kb / 12P
   DECT SiGe Front End IC
U7006B ATMEL-U7006B Datasheet
338Kb / 12P
   DECT SiGe Front End IC with High PAE
U7006B-MLB ATMEL-U7006B-MLB Datasheet
338Kb / 12P
   DECT SiGe Front End IC with High PAE
More results

Similar Description - U7001BG

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2760B TEMIC-U2760B Datasheet
181Kb / 14P
   CT2-RX/TX IC
logo
Toshiba Semiconductor
TA8168SN TOSHIBA-TA8168SN Datasheet
301Kb / 9P
   FM FRONT END IC
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
   GPS Front-end IC
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
   GPS FRONT-END IC
logo
Toshiba Semiconductor
TA8158F TOSHIBA-TA8158F Datasheet
235Kb / 8P
   FM FRONT END IC
logo
ATMEL Corporation
ATR0603 ATMEL-ATR0603 Datasheet
453Kb / 14P
   GPS Front-end IC
logo
Rohm
BA4413 ROHM-BA4413 Datasheet
204Kb / 7P
   FM Front End IC
logo
Toshiba Semiconductor
TA7378P TOSHIBA-TA7378P Datasheet
583Kb / 8P
   FM FRONT END IC
logo
STMicroelectronics
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
   GPS RF FRONT-END IC
logo
ATMEL Corporation
U7004B ATMEL-U7004B Datasheet
237Kb / 12P
   DECT SiGe Front End IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com