Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST34HF1602S-70-4E-L1PE Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST34HF1602S-70-4E-L1PE
Description  16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST34HF1602S-70-4E-L1PE Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST34HF1602S-70-4E-L1PE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST34HF1602S-70-4E-L1PE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST34HF1602S-70-4E-L1PE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST34HF1602S-70-4E-L1PE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST34HF1602S-70-4E-L1PE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST34HF1602S-70-4E-L1PE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST34HF1602S-70-4E-L1PE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST34HF1602S-70-4E-L1PE Datasheet HTML 14Page - Silicon Storage Technology, Inc SST34HF1602S-70-4E-L1PE Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Advance Information
16 Mbit Concurrent SuperFlash + 2/4/8 Mbit SRAM ComboMemory
SST34HF1602C / SST34HF1622C / SST34HF1642C
SST34HF1642D / SST34HF1682D / SST34HF1622S / SST34HF1642S
11
©2004 Silicon Storage Technology, Inc.
S71256-00-000
3/04
TABLE
3: PIN DESCRIPTION
Symbol
Pin Name
Functions
AMS1 to A0 Address Inputs
To provide flash address, A19-A0.
To provide (P)SRAM address, AMS-A0
SA
SRAM x8 Address
To provide additional address for x8 SRAM
DQ14-DQ0 Data Inputs/Outputs
To output data during Read cycles and receive input data during Write cycles.
Data is internally latched during a flash Erase/Program cycle. The outputs are in
tri-state when OE# is high or BES1# is high or BES2 is low and BEF# is high.
DQ15/A-1
Data Input/Output
and LBS Address
DQ15 is used as data I/O pin when in x16 mode (CIOF = “1”)
A-1 is used as the LBS address pin when in x8 mode (CIOF = “0”)
BEF#
Flash Memory Bank Enable
To activate the Flash memory bank when BEF# is low
BES1#
(P)SRAM Memory Bank Enable To activate the (P)SRAM memory bank when BES1# is low
BES2
(P)SRAM Memory Bank Enable To activate the (P)SRAM memory bank when BES2 is high
OEF#2
Output Enable
To gate the data output buffers for Flash2 only
OES#2
Output Enable
To gate the data output buffers for SRAM2 only
WEF#2
Write Enable
To control the Write operations for Flash2 only
WES#2
Write Enable
To control the Write operations for SRAM2 only
OE#
Output Enable
To gate the data output buffers
WE#
Write Enable
To control the Write operations
CIOF
Byte Selection for Flash
When low, select Byte mode. When high, select Word mode.
UBS#
Upper Byte Control ((P)SRAM)
To enable DQ15-DQ8
LBS#
Lower Byte Control ((P)SRAM)
To enable DQ7-DQ0
WP#
Write Protect
To protect and unprotect the top 8 KWord (4 sectors) from Erase or Program
operation
RST#
Reset
To Reset and return the device to Read mode
RY/BY#
Ready/Busy#
To output the status of a Program or Erase Operation
RY/BY# is a open drain output, so a 10K
Ω- 100KΩpull-up resistor is required to
allow RY/BY# to transition high indicating the device is ready to read.
VSSF2
Ground
Flash2 only
VSSS2
Ground
SRAM2 only
VSS
Ground
VDDF
Power Supply (Flash)
2.7-3.3V Power Supply to Flash only
VDDS
Power Supply ((P)SRAM)
2.7-3.3V Power Supply to (P)SRAM only
NC
No Connection
Unconnected pins
T3.0 1256
1. AMS = Most Significant Address
AMS = A16 for SST34HF1622C/S, A17 for SST34HF1642C/D/S, and A18 for SST34HF1682D
2. LS package only


Similar Part No. - SST34HF1602S-70-4E-L1PE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF1601-70-4C-L1P SST-SST34HF1601-70-4C-L1P Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1601-70-4C-L1P SST-SST34HF1601-70-4C-L1P Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF1601-70-4C-LFP SST-SST34HF1601-70-4C-LFP Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1601-70-4E-L1P SST-SST34HF1601-70-4E-L1P Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1601-70-4E-L1P SST-SST34HF1601-70-4E-L1P Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
More results

Similar Description - SST34HF1602S-70-4E-L1PE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST34HF1641J SST-SST34HF1641J Datasheet
966Kb / 37P
   16 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF3244 SST-SST34HF3244 Datasheet
943Kb / 41P
   32 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF32A4 SST-SST34HF32A4 Datasheet
973Kb / 37P
   32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com