Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL2703S Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # IRL2703S
Description  1.5 A Switch-Mode Power Supply with Linear Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IRL2703S Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button IRL2703S Datasheet HTML 2Page - Freescale Semiconductor, Inc IRL2703S Datasheet HTML 3Page - Freescale Semiconductor, Inc IRL2703S Datasheet HTML 4Page - Freescale Semiconductor, Inc IRL2703S Datasheet HTML 5Page - Freescale Semiconductor, Inc IRL2703S Datasheet HTML 6Page - Freescale Semiconductor, Inc IRL2703S Datasheet HTML 7Page - Freescale Semiconductor, Inc IRL2703S Datasheet HTML 8Page - Freescale Semiconductor, Inc IRL2703S Datasheet HTML 9Page - Freescale Semiconductor, Inc IRL2703S Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34701
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions -40°C TA 85°C unless otherwise noted. Input voltages VIN1 = VIN2 = 3.3 V using
the typical application circuit (see Figure 33) unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
General
Operating Voltage Range (VIN1, VIN2)
VIN
2.8–6.0
V
Start-Up Voltage Threshold (Boost Switching)
VST
–1.6
1.8
V
VBST Undervoltage Lockout (VBST rising)
VBST_UVLO
5.5–6.5
V
VBST Undervoltage Lockout Hysteresis
VBST_UVLO_HYS
0.5–1.5
V
Input DC Supply Current (Normal Operation Mode, Enabled), Unloaded
Outputs
IIN
–60
mA
VIN1 Terminal Input Supply Current (EN1 = EN2 = 0)
IIN1
–10
mA
VIN2 Terminal Input Leakage Current (EN1 = EN2 = 0)
IIN2
100
µA
VDDI Internal Supply Voltage
VDDI
2.9–3.3
V
VDDI Maximum Output Current (Externally Loaded)
IDDI
––
-10
mA
Buck Converter
Buck Converter Feedback Voltage (6), (7)
IVOUT = 15 mA to 1.5 A. Includes Load Regulation Error
VINV
0.784
0.800
0.816
V
Buck Converter Voltage Margining Step Size
VMVO
–1.0
%
Buck Converter Voltage Margining Highest Positive Value
VMP
5.9–7.9
%
Buck Converter Voltage Margining Lowest Negative Value
VMN
-7.9–-5.9
%
Buck Converter Line Regulation (6), (7)
VIN1 = VIN2 = 2.8 V to 6.0 V, IVOUT = 15 mA to 1.5 A
REGLNVO
-1.0
1.0
%
Buck Converter Load Regulation (6), (7)
VIN1 = VIN2 = 2.8 V to 6.0 V, IVOUT = 15 mA to 1.5 A
REGLDVO
-1.0
1.0
%
VOUT Input Leakage Current
VOUT = 5.25 V
IINVOUT
–3.5
mA
INV Input Leakage Current
INV = 0.8 V
IININV
-1.0
1.0
µA
Notes
6.
Design information only. This parameter is not production tested.
7.
IVOUT refers to load current on output switcher.


Similar Part No. - IRL2703S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL2703S IRF-IRL2703S Datasheet
134Kb / 9P
   HEXFET Power MOSFET
IRL2703SPBF IRF-IRL2703SPBF Datasheet
1Mb / 10P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRL2703S

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
34702 FREESCALE-34702 Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
   3.0A Switch-Mode Power Supply with Linear Regulator
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
   1.5A Switch-Mode Power Supply with Linear Regulator
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
ON Semiconductor
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
logo
Freescale Semiconductor...
MC34703 FREESCALE-MC34703 Datasheet
1Mb / 46P
   10A Switch-Mode Power Supply with LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com