Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST34HF1602D-70-4E-L1PE Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST34HF1602D-70-4E-L1PE
Description  16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST34HF1602D-70-4E-L1PE Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST34HF1602D-70-4E-L1PE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST34HF1602D-70-4E-L1PE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST34HF1602D-70-4E-L1PE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST34HF1602D-70-4E-L1PE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST34HF1602D-70-4E-L1PE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST34HF1602D-70-4E-L1PE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST34HF1602D-70-4E-L1PE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST34HF1602D-70-4E-L1PE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST34HF1602D-70-4E-L1PE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Advance Information
16 Mbit Concurrent SuperFlash + 2/4/8 Mbit SRAM ComboMemory
SST34HF1602C / SST34HF1622C / SST34HF1642C
SST34HF1642D / SST34HF1682D / SST34HF1622S / SST34HF1642S
5
©2004 Silicon Storage Technology, Inc.
S71256-00-000
3/04
Data Protection
The SST34HF16x2C/D/S provide both hardware and soft-
ware features to protect nonvolatile data from inadvertent
writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or BEF# pulse of less than
5 ns will not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, BEF# high, or WE#
high will inhibit the Write operation. This prevents inadvert-
ent writes during power-up or power-down.
Hardware Block Protection
The SST34HF16x2C/D/S provide a hardware block protec-
tion which protects the outermost 8 KWord in Bank 1. The
block is protected when WP# is held low. See Figures 1
and 2 for Block-Protection location.
A user can disable block protection by driving WP# high
thus allowing erase or program of data into the protected
sectors. WP# must be held high prior to issuing the write
command and remain stable until after the entire Write
operation has completed.
Hardware Reset (RST#)
The RST# pin provides a hardware method of resetting the
device to read array data. When the RST# pin is held low
for at least TRP, any in-progress operation will terminate and
return to Read mode (see Figure 19). When no internal
Program/Erase operation is in progress, a minimum period
of TRHR is required after RST# is driven high before a valid
Read can take place (see Figure 18).
The Erase operation that has been interrupted needs to be
reinitiated after the device resumes normal operation mode
to ensure data integrity. See Figures 18 and 19 for timing
diagrams.
Software Data Protection (SDP)
The SST34HF16x2C/D/S provide the JEDEC standard
Software Data Protection scheme for all data alteration
operations, i.e., Program and Erase. Any Program opera-
tion requires the inclusion of the three-byte sequence. The
three-byte load sequence is used to initiate the Program
operation, providing optimal protection from inadvertent
Write operations, e.g., during the system power-up or
power-down. Any Erase operation requires the inclusion of
six-byte sequence. The SST34HF16x2C/D/S are shipped
with the Software Data Protection permanently enabled.
See Table 7 for the specific software command codes. Dur-
ing SDP command sequence, invalid commands will abort
the device to Read mode within TRC. The contents of DQ15-
DQ8 are “Don’t Care” during any SDP command
sequence.
Security ID
The SST34HF16x2C/D/S devices offer a 256-bit Security
ID space. The Secure ID space is divided into two 128-bit
segments—one factory programmed segment and one
user programmed segment. The first segment is pro-
grammed and locked at SST with a unique, 128-bit num-
ber. The user segment is left un-programmed for the
customer to program as desired. To program the user seg-
ment of the Security ID, the user must use the Security ID
Word-Program command. End-of-Write status is checked
by reading the toggle bits. Data# Polling is not used for
Security ID End-of-Write detection. Once programming is
complete, the Sec ID should be locked using the User-Sec-
ID-Program-Lock-Out. This disables any future corruption
of this space. Note that regardless of whether or not the
Sec ID is locked, neither Sec ID segment can be erased.
The Secure ID space can be queried by executing a three-
byte command sequence with Query-Sec-ID command
(88H) at address 5555H in the last byte sequence. To exit
this mode, the Exit-Sec-ID command should be executed.
Refer to Table 7 for more details.


Similar Part No. - SST34HF1602D-70-4E-L1PE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF1601-70-4C-L1P SST-SST34HF1601-70-4C-L1P Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1601-70-4C-L1P SST-SST34HF1601-70-4C-L1P Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF1601-70-4C-LFP SST-SST34HF1601-70-4C-LFP Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1601-70-4E-L1P SST-SST34HF1601-70-4E-L1P Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1601-70-4E-L1P SST-SST34HF1601-70-4E-L1P Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
More results

Similar Description - SST34HF1602D-70-4E-L1PE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST34HF1641J SST-SST34HF1641J Datasheet
966Kb / 37P
   16 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF3244 SST-SST34HF3244 Datasheet
943Kb / 41P
   32 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF32A4 SST-SST34HF32A4 Datasheet
973Kb / 37P
   32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com