Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5261WI-50TE13 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT5261WI-50TE13
Description  Dual Digitally Programmable Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5261WI-50TE13 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT5261WI-50TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT5261WI-50TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT5261WI-50TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT5261WI-50TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT5261WI-50TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT5261WI-50TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT5261WI-50TE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT5261WI-50TE13 Datasheet HTML 12Page - Catalyst Semiconductor CAT5261WI-50TE13 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
CAT5261
Document No. 2122, Rev. B
Table 3. Instruction Set
WIPER CONTROL AND DATA REGISTERS
Wiper Control Register (WCR)
The CAT5261 contains two 8-bit Wiper Control
Registers, one for each potentiometer. The Wiper
Control Register output is decoded to select one of
256 switches along its resistor array. The contents of
the WCR can be altered in four ways: it may be written
by the host via Write Wiper Control Register instruction;
it may be written by transferring the contents of one of
four associated Data Registers via the XFR Data
Register instruction; it can be modified one step at a
time by the Increment/decrement instruction (see
Instruction section for more details). Finally, it is
loaded with the content of its data register zero (DR0)
upon power-up.
The Wiper Control Register is a volatile register that
loses its contents when the CAT5261 is powered-down.
Although the register is automatically loaded with the
value in DR0 upon power-up, this may be different from
the value present at power-down.
Data Registers (DR)
Each potentiometer has four 8-bit non-volatile Data
Registers. These can be read or written directly by the
host. Data can also be transferred between any of the
four Data Registers and the associated Wiper Control
Register. Any data changes in one of the Data Registers
is a non-volatile operation and will take a maximum of
5ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can be
used as standard memory locations for system
parameters or user preference data.
Write in Process
The contents of the Data Registers are saved to
nonvolatile memory when the
CS input goes HIGH after
a write sequence is received. The status of the internal
write cycle can be monitored by issuing a Read Status
command to read the Write in Process (WIP) bit.
INSTRUCTIONS
Five of the ten instructions are three bytes in length.
These instructions are:
— Read Wiper Control Register - read the current
wiper position of the selected potentiometer in the WCR
— Write Wiper Control Register - change current
wiper position in the WCR of the selected potentiometer
— Read Data Register - read the contents of the
selected Data Register
Note:
1/0 = data is one or zero
Instruction
Instruction Set
Operation
I3
I2
I1
I0
R1
R0
WCR1/
P1
Read Wiper Control
Register
1001
0
0
1/0
1/0
Read the contents of the Wiper Control
Register pointed to by P1-P0
Write Wiper Control Register
1010
0
0
1/0
1/0
Write new value to the Wiper Control
Register pointed to by P1-P0
Read Data Register
1011
1/0
1/0
1/0
1/0
Read the contents of the Data Register
pointed to by P1-P0 and R1-R0
Write Data Register
1100
1/0
1/0
1/0
1/0
Write new value to the Data Register
pointed to by P1-P0 and R1-R0
XFR Data Register to Wiper
Control Register
1101
1/0
1/0
1/0
1/0
Transfer the contents of the Data Register
pointed to by P1-P0 and R1-R0 to its
associated Wiper Control Register
XFR Wiper Control Register
to Data Register
1110
1/0
1/0
1/0
1/0
Transfer the contents of the Wiper Control
Register pointed to by P1-P0 to the Data
Register pointed to by R1-R0
Global XFR Data Registers
to Wiper Control Registers
0001
1/0
1/0
0
0
Transfer the contents of the Data Registers
pointed to by R1-R0 of all four pots to their
respective Wiper Control Registers
Global XFR Wiper Control
Registers to Data Register
1000
1/0
1/0
0
0
Transfer the contents of both Wiper Control
Registers to their respective data Registers
pointed to by R1-R0 of all four pots
Increment/Decrement Wiper
Control Register
0010
0
0
1/0
1/0
Enable Increment/decrement of the Control
Latch pointed to by P1-P0
WCR0/
P0
Read Status (WIP bit)
0101
0
0
0
1
Read WIP bit to check internal
write cycle status


Similar Part No. - CAT5261WI-50TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5261WI-50 CATALYST-CAT5261WI-50 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
   Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
CAT5261WI-50-T1 ONSEMI-CAT5261WI-50-T1 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
CAT5261WI-50-T1 ONSEMI-CAT5261WI-50-T1 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
More results

Similar Description - CAT5261WI-50TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
   Configured Digitally Programmable Potentiometer
CAT524 CATALYST-CAT524_04 Datasheet
105Kb / 13P
   Configured Digitally Programmable Potentiometer
CAT523 CATALYST-CAT523_04 Datasheet
102Kb / 11P
   Configured Digitally Programmable Potentiometer
CAT522 CATALYST-CAT522_04 Datasheet
85Kb / 11P
   Configured Digitally Programmable Potentiometer
CAT525 CATALYST-CAT525_04 Datasheet
99Kb / 12P
   Configured Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
CAT5132 CATALYST-CAT5132_06 Datasheet
540Kb / 14P
   16 Volt Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com