Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXC-051-R Datasheet(PDF) 4 Page - IXYS Corporation

Part # AXC-051-R
Description  ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

AXC-051-R Datasheet(HTML) 4 Page - IXYS Corporation

  AXC-051-R Datasheet HTML 1Page - IXYS Corporation AXC-051-R Datasheet HTML 2Page - IXYS Corporation AXC-051-R Datasheet HTML 3Page - IXYS Corporation AXC-051-R Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AXC-051
PRELIMINARY
September 98
Page 4 of 4
98004-05-004-06.doc
IXYS Corporation 3540 Bassett Street, Santa Clara, CA 95054 TEL:408-982-0700 FAX:408-496-0670
IXYS Semiconductor, GmbH. Edisonstr. 15 D-68623 Lampertheim, Germany TEL:+49-6206-503-0 FAX:+49-6206-503-627
Typical Applications
AXC051
OUT
COM
IN
3
2
1
Switch-Mode
Power Supply
C1=10uF
C2=10uF
Fig7A. - Ultra Low Noise, High Efficiency
Switch-Mode Power Supply
AXC051
OUT
COM
IN
3
2
1
C
2=10uF
Analog
Load
C
1=10uF
18 - 72V
-
+
+
-
-
Fig7B. - Mixed Signal Negative Power Filter


Similar Part No. - AXC-051-R

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
AXC-102 IXYS-AXC-102 Datasheet
190Kb / 6P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 20A
More results

Similar Description - AXC-051-R

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
AXC-102 IXYS-AXC-102 Datasheet
190Kb / 6P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 20A
logo
Vicor Corporation
QUIETPOWER VICOR-QUIETPOWER Datasheet
144Kb / 8P
   Output Ripple Attenuation SiP
MICRORAM VICOR-MICRORAM Datasheet
1Mb / 8P
   Output Ripple Attenuation Module
QPO-1 VICOR-QPO-1 Datasheet
1Mb / 17P
   QPO-1 Output Ripple Attenuation SIP
logo
WALSIN TECHNOLOGY CORPO...
BF1511B394101AT WALSIN-BF1511B394101AT Datasheet
329Kb / 4P
   Low loss, Low pass band ripple, High Attenuation
logo
Golledge Electronics Lt...
MA03704 GOLLEDGE-MA03704 Datasheet
223Kb / 4P
   SAW Filter 915.0MHz for ISM900 (High Attenuation)
logo
Okaya Electric America,...
AFP450V104K OKAYA-AFP450V104K Datasheet
221Kb / 1P
   FOR ACTIVE FILTER CIRCUIT
logo
WALSIN TECHNOLOGY CORPO...
BF1511B394101BT WALSIN-BF1511B394101BT Datasheet
328Kb / 4P
   Low loss, Low pass band ripple, High Attenuation
logo
Rohm
BA3990F ROHM-BA3990F Datasheet
64Kb / 4P
   Ripple filter for portable CD players
logo
PREMO CORPORATION S.L
DMRF PREMO-DMRF Datasheet
152Kb / 1P
   High attenuation for industrial applications single phase filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com