Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHB75-D48-S12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VHB75-D48-S12
Description  VHB75-Single Output Half Brick DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VHB75-D48-S12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VHB75-D48-S12 Datasheet HTML 1Page - List of Unclassifed Manufacturers VHB75-D48-S12 Datasheet HTML 2Page - List of Unclassifed Manufacturers VHB75-D48-S12 Datasheet HTML 3Page - List of Unclassifed Manufacturers VHB75-D48-S12 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VHB75-Single Output Half Brick DC-DC Converter
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
Input
Input Voltage Range
12V 9-18V
24V 18-36V
48V 36-75V
Under Voltage Lockout
12 Vin power up 8.8V
power down 8V
24Vin power up 17V
power down 16V
48Vin power down 34V
power down 32.5V
Positive Logic Remote ON/OFF (see note 4&5)
Input Filter
PI Type
Output
Voltage Accuracy
±1% max.
Transient Response: 25% Step Load Change
<500µ sec.
External Trim Adj. Range
±10%
Ripple & Noise
20MHz BW, 2.5V, 3.3V, 5V
20mV RMS., max
75mV pk-pk., max
12V & 15V
30mV RMS., max
100mV pk-pk., max
24V
100mV RMS., max
240mV pk-pk, max
Temperature Coefficient
±0.03%/°C
Short Circuit Protection
Continuous
Line Regulation1
±0.2% max
Load Regulation2
±0.2% max
Over Voltage Protection trip Range, % Vo nom.
115-140%
Current Limit
110-150% Nominal Output
General Specifications
Efficiency
see table
Isolation Voltage
Input/Output
1500VDC min.
Input/Case
1500VDC min.
Output/Case
1500VDC min.
Isolation Resistance
107Ohm min.
Switching Frequency
12-24Vin
400KHz, Typ.
48Vin
300KHz, Typ
Operating Case Temperature
-40°C to +100°C
Storage Temperature
-55°C to +105°C
Thermal Shutdown, Case Temp.
100°C Typ.
Dimensions
2.28x2.40x0.50 inches
(57.9x61.0x12.7mm)
Case Material
aluminum
Features
·37.5W-75W isolated output
·Efficiency to 85%
·300KHz switching frequency
·2:1 input range
·Regulated outputs
·Continuous short circuit protection
·Industry standard half-brick package
·Five-sided metal case


Similar Part No. - VHB75-D48-S12

ManufacturerPart #DatasheetDescription
logo
CUI INC
vHB75-D48-S12 CUI-vHB75-D48-S12 Datasheet
828Kb / 6P
   dc-dc converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com