Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-89640012A Datasheet(PDF) 6 Page - Analog Devices

Part # 5962-89640012A
Description  Wideband, Fast Settling Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-89640012A Datasheet(HTML) 6 Page - Analog Devices

  5962-89640012A Datasheet HTML 1Page - Analog Devices 5962-89640012A Datasheet HTML 2Page - Analog Devices 5962-89640012A Datasheet HTML 3Page - Analog Devices 5962-89640012A Datasheet HTML 4Page - Analog Devices 5962-89640012A Datasheet HTML 5Page - Analog Devices 5962-89640012A Datasheet HTML 6Page - Analog Devices 5962-89640012A Datasheet HTML 7Page - Analog Devices 5962-89640012A Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD840
REV. C
–6–
Figure 19a. Inverting Amplifier
Configuration (DIP Pinout)
Figure 19c. Inverter Small Signal
Pulse Response
Figure 19b. Inverter Large Signal
Pulse Response
Figure 20a. Noninverting Amplifier
Configuration (DIP Pinout)
Figure 20c. Noninverting Small
Signal Pulse Response
Figure 20b. Noninverting Large
Signal Pulse Response
Figure 21. Offset Nulling (DIP Pinout)
OFFSET NULLING
The input offset voltage of the AD840 is very low for a high
speed op amp, but if additional nulling is required, the circuit
shown in Figure 21 can be used.


Similar Part No. - 5962-89640012A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-8964401PA AD-5962-8964401PA Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
5962-8964401PA AD-5962-8964401PA Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
5962-8964501PA AD-5962-8964501PA Datasheet
234Kb / 8P
   Precision, 16 MHz CBFET Op Amp
REV. D
5962-8964501PA AD-5962-8964501PA Datasheet
222Kb / 13P
   Precision, 16 MHz CBFET Op Amp
5962-8964501PA2 AD-5962-8964501PA2 Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
More results

Similar Description - 5962-89640012A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
   Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840_15 Datasheet
420Kb / 8P
   Wideband, Fast Settling Op Amp
REV. C
logo
Cadeka Microcircuits LL...
KH220 CADEKA-KH220 Datasheet
442Kb / 5P
   Fast Settling Wideband Op Amp
logo
National Semiconductor ...
CLC103 NSC-CLC103 Datasheet
404Kb / 6P
   Fast Settling, High Current Wideband Op Amp
logo
Exar Corporation
KH103AI EXAR-KH103AI Datasheet
589Kb / 7P
   Fast Settling, High Current Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH103 CADEKA-KH103 Datasheet
334Kb / 6P
   Fast Settling, High Current Wideband Op Amp
logo
Fairchild Semiconductor
KH103 FAIRCHILD-KH103 Datasheet
363Kb / 6P
   Fast Settling, High Current Wideband Op Amp
logo
Analog Devices
AD3554 AD-AD3554 Datasheet
398Kb / 6P
   FAST-SETTLING, WIDEBAND, FET-INPUT OP AMP
logo
National Semiconductor ...
CLC401 NSC-CLC401 Datasheet
388Kb / 6P
   Fast Settling, Wideband High-Gain Monolithic Op Amp
logo
Analog Devices
AD842 AD-AD842_17 Datasheet
400Kb / 17P
   Wideband, High Output Current Fast Settling Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com