Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD104JY Datasheet(PDF) 3 Page - Analog Devices

Part # AD104JY
Description  General Purpose Input Isolation Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD104JY Datasheet(HTML) 3 Page - Analog Devices

  AD104JY Datasheet HTML 1Page - Analog Devices AD104JY Datasheet HTML 2Page - Analog Devices AD104JY Datasheet HTML 3Page - Analog Devices AD104JY Datasheet HTML 4Page - Analog Devices AD104JY Datasheet HTML 5Page - Analog Devices AD104JY Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Parameter
Min
Typ
Max
Unit
Notes
CLOCK OSCILLATOR (AD104 ONLY)
1
Source Voltage Amplitude
14.25
15
15.75
V pk-pk
±7.5 V Amplitude Within
±15 V Range
Square Wave Frequency
25
kHz
±5 kHz
Duty Cycle
50
% Hi vs. Low
±2%
TEMPERATURE RANGE
Rated Performance
0
+70
°C
Operating
–40
+85
°C
Storage
–40
+85
°C
PACKAGE DIMENSIONS
SIP Style Package (Y)
2.08
× 0.260 × 0.625 in. (max)
Not Including Pin Length
NOTES
1Specification(s) apply to one model only, either AD102 or AD104, as indicated.
2Nonlinearity is specified as a % deviation from a best fit straight line.
3All units 100% tested by “Partial Discharge” method @ 750 V rms for 5 sec, 150 pc maximum allowable discharge.
Specifications subject to change without notice.
PIN DESIGNATIONS
Pin
Function
1
OUT HI
2
PWR/CLK COM
3FB
4
ICOM
5
IN+
6
IN–
7
+15 V DC (AD102)
8
CLOCK INPUT (AD104)
9
OUT LO
ORDERING GUIDE
Model
Package
Max CMV
Nonlinearity
AD102JY
SIP Style
500 V rms
0.05%
AD104JY
SIP Style
500 V rms
0.05%
DIFFERENCES BETWEEN THE AD102 AND AD104
The primary difference between the AD102 and AD104 is that
the AD102 contains an integral clock oscillator circuit and the
AD104 does not. As a result, the AD102 operates when sup-
plied +15 V dc power while the AD104 requires power in the
form of 15 V, 25 kHz square wave source. Typically a clock
source for an AD104 will drive multiple devices to reduce the
per channel cost of the source and to provide perfect oscillator
synchronization between devices. The AD104 also consumes
slightly less power and has more than twice the bandwidth of
the AD102.
In situations where only one or a few isolators are used, the con-
venience of stand-alone operation offered by the AD102 may
provide a greater user advantage than use of the AD104. For
maximum product flexibility both the AD102 and AD104 can
be accommodated by using a single universal layout for device
interchangeability.
REV. A
–3–
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although these devices feature proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
AD102/AD104


Similar Part No. - AD104JY

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AD104 MICROSEMI-AD104 Datasheet
127Kb / 3P
   SCRs 1.5 Amp, Planar
logo
New Jersey Semi-Conduct...
AD104 NJSEMI-AD104 Datasheet
156Kb / 2P
   1.6 Amp, Planar
logo
List of Unclassifed Man...
AD104-00 ETC2-AD104-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
MicroPower Direct, LLC
AD1045-15FS MPD-AD1045-15FS Datasheet
313Kb / 2P
   Very Low Cost, 36 - 48W DIN Rail Mount Single Output AC/DC Power Supplies
AD104515FS MPD-AD104515FS Datasheet
321Kb / 2P
   AD1048FS Series
More results

Similar Description - AD104JY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD104 AD-AD104_15 Datasheet
100Kb / 6P
   General Purpose Input Isolation Amplifier
REV. A
AD102 AD-AD102_15 Datasheet
100Kb / 6P
   General Purpose Input Isolation Amplifier
REV. A
logo
Texas Instruments
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
[Old version datasheet]   TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
[Old version datasheet]   TAS5760M General-Purpose I2S Input Class-D Amplifier
logo
RF Micro Devices
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com