Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT3222 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UT3222
Description  EXTERNAL CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3222 Datasheet(HTML) 7 Page - Unisonic Technologies

  UT3222_16 Datasheet HTML 1Page - Unisonic Technologies UT3222_16 Datasheet HTML 2Page - Unisonic Technologies UT3222_16 Datasheet HTML 3Page - Unisonic Technologies UT3222_16 Datasheet HTML 4Page - Unisonic Technologies UT3222_16 Datasheet HTML 5Page - Unisonic Technologies UT3222_16 Datasheet HTML 6Page - Unisonic Technologies UT3222_16 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
UT3222
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R502-986.D
TYPICAL APPLICATION CIRCUIT
EN
1
2
3
4
+
+
-
-
C3
(Note 1)
C1
C1+
V+
C1-
C2+
C2-
5
+
-
C2
6
V-
7
8
9
10
-
+
C4
DOUT2
RIN2
ROUT2
VCC
20
19
PWRDOWN
Powerdown
+
-
CBYPASS
18
GND
17
DOUT1
16
RIN1
ROUT1
15
14
NC
13
DIN1
12
DIN2
11
NC
Notes: 1. C3 can be connected to VCC or GND.
2. Resistor values shown are nominal.
3. NC: No internal connection.
4. Nonpolarized ceramic capacitors are acceptable. If polarized tantalum or electrolytic capacitors are used, they should be
connected as shown.
Table1. Typical Operating Circuit and Capacitor Values
VCC (V)
C1 (µF)
C2, C3, C4 (µF)
CBYPASS (µF)
3.0~3.6
0.22
0.22
0.22
3.15~3.6
0.1
0.1
0.1
4.5~5.5
0.047
0.33
0.047
3.0~5.5
0.22
1.0
0.22
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UT3222_16

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3222 UTC-UT3222_15 Datasheet
220Kb / 7P
   LOW POWER MULTI CHANNEL
More results

Similar Description - UT3222_16

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3232 UTC-UT3232_17 Datasheet
274Kb / 7P
   EXTERNAL CAPACITORS
logo
ARTSCHIP ELECTRONICS CO...
MAX200 ARTSCHIP-MAX200 Datasheet
4Mb / 20P
   Transceivers External Capacitors
logo
Hexawave, Inc
HWS540 HW-HWS540 Datasheet
52Kb / 3P
   No external DC blocking capacitors required
HWS537 HW-HWS537 Datasheet
54Kb / 3P
   No external DC blocking capacitors required
HWS546 HW-HWS546 Datasheet
52Kb / 3P
   No external DC blocking capacitors required
HWS532 HW-HWS532 Datasheet
68Kb / 4P
   No external DC blocking capacitors required
logo
Murata Manufacturing Co...
CSTNE18M4V530000R0 MURATA-CSTNE18M4V530000R0 Datasheet
184Kb / 2P
   Oscillation circuits do not require external load capacitors
CSTNE12M5G550000R0 MURATA-CSTNE12M5G550000R0 Datasheet
183Kb / 2P
   Oscillation circuits do not require external load capacitors
logo
Murata Manufacturing Co...
CSTCE8M50G52-R0 MURATA1-CSTCE8M50G52-R0 Datasheet
183Kb / 3P
   Oscillation circuits do not require external load capacitors.
logo
Maxim Integrated Produc...
MAX200 MAXIM-MAX200 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com