Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS22-S210 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SS22-S210
Description  Glass passivated junctions
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SS22-S210 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SS22-S210 Datasheet HTML 1Page - Fairchild Semiconductor SS22-S210 Datasheet HTML 2Page - Fairchild Semiconductor SS22-S210 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SS22-S210, Rev. A
Schottky Barrier Rectifiers
(continued)
Typical Characteristics
Forward Current Derating Curve
50
60
70
80
90
100 110 120 130 140 150
0
0.5
1
1.5
2
LEAD TEMPERATURE ( C)
º
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED
ON 8.0x8.0mm
COPPER PAD AREAS
Non-Repetitive Surge Current
12
5
10
20
50
100
0
10
20
30
40
50
60
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
JEDEC Method
Junction Capacitance
0.1
0.5
1
5
10
20
50 100
10
20
50
100
200
500
REVERSE VOLTAGE (V)
f = 1.0 MHz
Vsig = 50mVp-p
T = 25 C
º
A
SS22-24
SS25-S210
Forward Characteristics
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0.1
1
5
10
20
50
FORWARD VOLTAGE (V)
f = 1.0 MHz
Vsig = 50mVp-p
T = 25 C
º
A
SS22-24
SS25-26
SS28 - S210
Reverse Characteristics
0
20406080
100
120
140
0.001
0.01
0.1
1
10
NORMALIZED REVERSE VOLTAGE (%)
T = 100 C
º
A
T = 75 C
º
A
T = 25 C
º
A
SS22-24
SS25-S210


Similar Part No. - SS22-S210

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SS22-SMA YFWDIODE-SS22-SMA Datasheet
292Kb / 2P
   Schottky rectifier
logo
Dongguan City Niuhang E...
SS22-SMAW-NH-E-OK NIUHANG-SS22-SMAW-NH-E-OK Datasheet
14Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS22-SMB YFWDIODE-SS22-SMB Datasheet
301Kb / 2P
   Schottky rectifier
logo
Sangdest Microelectroni...
SS22-SS210 SMC-SS22-SS210 Datasheet
158Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS22-S210

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1N4933GL LUGUANG-1N4933GL Datasheet
1Mb / 2P
   Glass Passivated Junctions
logo
First Silicon Co., Ltd
MB2M FS-MB2M Datasheet
196Kb / 2P
   Glass passivated chip junctions
logo
Diode Semiconductor Kor...
1N4933GL DSK-1N4933GL Datasheet
276Kb / 2P
   GLASS PASSIVATED JUNCTIONS
logo
Bruckewell Technology L...
B1S-B10S BWTECH-B1S-B10S Datasheet
418Kb / 4P
   Glass passivated chip junctions.
MB1S BWTECH-MB1S Datasheet
355Kb / 4P
   Glass passivated chip junctions.
logo
Mospec Semiconductor
F10C05 MOSPEC-F10C05 Datasheet
220Kb / 2P
   Glass Passivated chip junctions
logo
Gaomi Xinghe Electronic...
MB1S-10S GXELECTRONICS-MB1S-10S Datasheet
842Kb / 2P
   Glass passivated chip junctions
logo
First Silicon Co., Ltd
MB6S FS-MB6S Datasheet
201Kb / 2P
   Glass passivated chip junctions
logo
Littelfuse
K0900Y LITTELFUSE-K0900Y Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
   GLASS PASSIVATED GLASS PASSIVATED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com