Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXRB9000 Datasheet(PDF) 4 Page - Advanced XTAL Products

Part # AXRB9000
Description  High Stability Low Noise Rubidium Frequency Reference in 19??rack (2 HU) with up to 3 outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXRB9000 Datasheet(HTML) 4 Page - Advanced XTAL Products

  AXRB9000_18 Datasheet HTML 1Page - Advanced XTAL Products AXRB9000_18 Datasheet HTML 2Page - Advanced XTAL Products AXRB9000_18 Datasheet HTML 3Page - Advanced XTAL Products AXRB9000_18 Datasheet HTML 4Page - Advanced XTAL Products AXRB9000_18 Datasheet HTML 5Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXRB9000 Rev.3
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 4(5)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Enclosure drawing
Connections and operation
#
Panel
Symbol
Function
1
Rear
POWER IN
AC Supply Input (IEC 60320-1 / C14)
2
FUSE
1 A Slow 5x20 mm Fuse
3
RUB OUT
Direct Rubidium output
4
SPLIT IN
Power splitter input
5
OUT 1
Splitted output 1*
6
OUT 2
Splitted output 2*
7
OUT 3
Splitted output 3*
8
COMM
Interface for Monitoring (see pin connections below)
9
Front
POWER SWITCH
Power Switch ON/OFF
10
POWER ON
LED – Power ON Indicator
11
RUB READY
LED – Rubidium Ready Indicator (Locked)
12
OL
LED – Output Level Indicator (ON > +12 dBm)
13
ADJUST
Frequency adjustment potentiometer
*Unused outputs must be terminated with 50 Ω loads


Similar Part No. - AXRB9000_18

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXRB9000 AXTAL-AXRB9000 Datasheet
515Kb / 5P
   Low Noise Selective Distribution Amplifier in 19??rack (1 HU)
AXRB9000 AXTAL-AXRB9000 Datasheet
414Kb / 5P
   Very High Frequency Stability
AXRB9000 AXTAL-AXRB9000 Datasheet
479Kb / 5P
   Very High Frequency Stability
AXRB9000 AXTAL-AXRB9000 Datasheet
269Kb / 5P
   High Stability Low Noise Rubidium Frequency Reference
More results

Similar Description - AXRB9000_18

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXRB9000 AXTAL-AXRB9000 Datasheet
269Kb / 5P
   High Stability Low Noise Rubidium Frequency Reference
AXDA9000 AXTAL-AXDA9000 Datasheet
515Kb / 5P
   Low Noise Selective Distribution Amplifier in 19??rack (1 HU)
AXRB1021 AXTAL-AXRB1021 Datasheet
286Kb / 4P
   High Stability Rubidium Oscillator
AXGPS9000 AXTAL-AXGPS9000 Datasheet
242Kb / 5P
   GPS-Disciplined OCXO 10.000 MHz in 19??rack (1 HU)
logo
Linear Technology
LT1027LS8 LINER-LT1027LS8 Datasheet
3Mb / 14P
   Precision, Low Noise, High Stability Hermetic Voltage Reference
logo
Advanced XTAL Products
AXRB1003H AXTAL-AXRB1003H Datasheet
212Kb / 4P
   Very High Stability Rubidium Oscillator
logo
QUARTZCOM the communica...
OCO-M50BH QUARTZCOM-OCO-M50BH Datasheet
105Kb / 1P
   Ultra Low Noise OCXO HCMOS High frequency stability vs. temperature
logo
Vectron International, ...
AR-133A-03 VECTRON-AR-133A-03 Datasheet
608Kb / 6P
   Rubidium Frequency Standard
AR-133 VECTRON-AR-133 Datasheet
348Kb / 5P
   Rubidium Frequency Standard
logo
Analog Devices
AD7785 AD-AD7785_17 Datasheet
480Kb / 33P
   3-Channel, Low Noise, Low Power ADC with On-Chip In-Amp and Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com