Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWP339 Datasheet(PDF) 6 Page - IXYS Corporation

Part # CWP339
Description  Rectifier Diodes & FRED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CWP339 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button CWP339 Datasheet HTML 2Page - IXYS Corporation CWP339 Datasheet HTML 3Page - IXYS Corporation CWP339 Datasheet HTML 4Page - IXYS Corporation CWP339 Datasheet HTML 5Page - IXYS Corporation CWP339 Datasheet HTML 6Page - IXYS Corporation CWP339 Datasheet HTML 7Page - IXYS Corporation CWP339 Datasheet HTML 8Page - IXYS Corporation CWP339 Datasheet HTML 9Page - IXYS Corporation CWP339 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
18
© 2004 IXYS All rights reserved
Rectifier Diodes
Type
VRRM
TVJM
RthJC 1
@IF
typ.
V°C
K/W
AA/µs
DWN 5
800 -
0.7
150
12
2.80
1.14
1.14
7
140
tbd
tbd
tbd
DWP 5
1200
0.7
12
2.80
1.14
1.14
7
140
tbd
tbd
tbd
DWN 2
1200 -
0.7
12
2.80
1.14
1.14
7
150
tbd
tbd
tbd
DWN 9
1800
1.0
20
1.80
1.28
1.28
30
300
tbd
tbd
tbd
DWN 17
1.5
31
1.10
1.34
1.34
50
320
tbd
tbd
tbd
DWP 17
1.5
31
1.10
1.37
1.37
50
320
tbd
tbd
tbd
DWN 21
3.0
42
0.90
1.33
1.33
80
500
tbd
tbd
tbd
DWP 21
3.0
41
0.90
1.35
1.35
80
500
tbd
tbd
tbd
DWN 35
1.5
59
0.65
1.24
1.24
80
630
11
50
0.64
DWP 35
1.5
58
0.65
1.25
1.25
80
630
11
50
0.64
DWN 50
2.0
78
0.50
1.31
1.31
150
900
12
50
1
DWP 50
2.0
76
0.50
1.33
1.33
150
900
12
50
1
DWN 75
2.0
115
0.33
1.26
1.26
200
1500
24
50
3
DWP 75
2.0
118
0.35
1.27
1.27
200
1500
24
50
3
DWN 110
3.5
253
0.16
1.18
1.18
300
3200
45
50
6
DWP 110
3.5
253
0.16
1.18
1.18
300
3200
45
50
6
DWN 340
15.0
416
0.10
1.09
1.09
300
5900
235
30
50
DWN 108
1600 -
3.5
253
0.16
1.18
1.18
300
3200
45
50
6
DWN 347
2200
3.5
788
0.05
1.10
1.10
600
10500
45
40
50
1 Mounted on DCB
@-di/dt
IR
VRRM
TVJ M
typ. mA
A
IF(AV)M
VF
IFSM
Reverse Recovery
@IF
25°C
125°C
IRM
25°C; VR = 100 V
A
TC = 100°C
AV
V
A
rect. d = 0.5
TVJ =


Similar Part No. - CWP339

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CWP-0061B1 PREMO-CWP-0061B1 Datasheet
348Kb / 2P
   High Precission 50 Hz KWh-meter Current Transformer
CWP-0062B1 PREMO-CWP-0062B1 Datasheet
348Kb / 2P
   High Precission 50 Hz KWh-meter Current Transformer
CWP-0600B2 PREMO-CWP-0600B2 Datasheet
348Kb / 2P
   High Precission 50 Hz KWh-meter Current Transformer
CWP-1000B3 PREMO-CWP-1000B3 Datasheet
348Kb / 2P
   High Precission 50 Hz KWh-meter Current Transformer
logo
PANDUIT CORP.
CWPP12WBL PANDUIT-CWPP12WBL Datasheet
142Kb / 1P
   Mini-Com 12-Port Modular Faceplate Patch Panels
More results

Similar Description - CWP339

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBE60-06A IXYS-VBE60-06A Datasheet
41Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
L566 IXYS-L566 Datasheet
54Kb / 2P
   Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE17-06NO7 IXYS-VBE17-06NO7 Datasheet
189Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-12NO7 IXYS-VBE100-12NO7 Datasheet
55Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE20 IXYS-VBE20 Datasheet
61Kb / 1P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VUE35-06NO7 IXYS-VUE35-06NO7 Datasheet
186Kb / 2P
   Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-06NO7 IXYS-VBE100-06NO7 Datasheet
53Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
logo
Shenzhen Luguang Electr...
MUR80120P LUGUANG-MUR80120P Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes FRED Pt
Revision:20220701-P1
logo
IXYS Corporation
L363 IXYS-L363 Datasheet
315Kb / 2P
   ECO-PAC Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODES (FRED)
VUE75-12NO7 IXYS-VUE75-12NO7 Datasheet
186Kb / 2P
   ECO-PAC Threee Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com