Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2049-45SILF Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK2049-45SILF
Description  3.3V Communications Clock PLL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2049-45SILF Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK2049-45SILF Datasheet HTML 1Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 2Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 3Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 4Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 5Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 6Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 7Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 8Page - Integrated Circuit Systems MK2049-45SILF Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3.3V Communications Clock PLL
MDS 2049-45 G
3
Revision 101904
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
MK2049-45
Output Decoding Table - External Mode (MHz)
Output Decoding Table - Buffer Mode (MHz)
0 = connect directly to ground, 1 = connect directly to VDD
Crystal is connected to pins 2 and 3; clock input is applied to pin 13.
Functional Description
The MK2049-45 is a clock generator IC that generates
an output clock directly from an internal VCXO circuit
which works in conjunction with an external quartz
crystal. The VCXO is controlled by an internal PLL
(Phase Locked Loop) circuit, enabling the device to
perform clock regeneration from an input reference
clock. The MK2049-45 is configured to provide a high
frequency communications reference clock output from
an 8 kHz input clock or to jitter attenuate and buffer a
high frequency input clock. There are 14 selectable
output frequencies and two buffer mode selections.
Please refer to the Output Clock Selection Table on
Page 2.
Most typical PLL clock devices use an internal VCO
(Voltage Controlled Oscillator) for output clock
generation. By using a VCXO with an external crystal,
18
CAP2
Loop
Filter
Connect the loop filter capacitors and resistor between this pin and CAP1.
19
RES
-
Connect a resistor to ground. See table.
20
FS0
Input
Frequency select 0. Determines CLK input/outputs per table on page 2.
Internal pull-up resistor.
ICLK
FS3
FS2
FS1
FS0
CLK/2
CLK
8k
Crystal
Used (MHz)
N
8 kHz
0000
1.544
3.088
8 kHz
24.576
3072
8 kHz
0001
2.048
4.096
8 kHz
24.576
3072
8 kHz
0010
22.368
44.736
8 kHz
24.576
3072
8 kHz
0011
17.184
34.368
8 kHz
24.576
3072
8 kHz
0100
19.44
38.88
8 kHz
19.44
2430
8 kHz
0101
12.8
25.6
8 kHz
25.6
3200
8 kHz
0110
25.92
51.84
8 kHz
17.28
2160
8 kHz
0111
4.096
8.192
8 kHz
16.384
2048
8 kHz
1000
18.528
37.056
8 kHz
24.704
3088
8 kHz
1001
12.352
24.704
8 kHz
24.704
3088
8 kHz
1010
24.576
49.152
8 kHz
16.384
2048
8 kHz
1011
16.384
32.768
8 kHz
16.384
2048
8 kHz
1100
17.28
34.56
8 kHz
17.28
2160
8 kHz
1101
62.5
125
8 kHz
25
3125
Pin
Number
Pin
Name
Pin
Type
Pin Description
ICLK
FS3
FS2
FS1
FS0
CLK/2
CLK
8k
Crystal
N
20 - 50
1110
ICLK
2*ICLK
N/A
ICLK/2
3
10 - 25
1111
ICLK/2
ICLK
N/A
ICLK
3


Similar Part No. - MK2049-45SILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2049-45SILF RENESAS-MK2049-45SILF Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45SILFTR RENESAS-MK2049-45SILFTR Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
More results

Similar Description - MK2049-45SILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
   Communications Clock PLL
logo
Renesas Technology Corp
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
logo
Integrated Circuit Syst...
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
logo
Renesas Technology Corp
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
logo
Integrated Circuit Syst...
MK2049-34 ICST-MK2049-34 Datasheet
135Kb / 11P
   3.3 V Communications Clock PLL
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com