Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2049-45 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # MK2049-45
Description  3.3V Communications Clock PLL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2049-45 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  MK2049-45 Datasheet HTML 1Page - Integrated Circuit Systems MK2049-45 Datasheet HTML 2Page - Integrated Circuit Systems MK2049-45 Datasheet HTML 3Page - Integrated Circuit Systems MK2049-45 Datasheet HTML 4Page - Integrated Circuit Systems MK2049-45 Datasheet HTML 5Page - Integrated Circuit Systems MK2049-45 Datasheet HTML 6Page - Integrated Circuit Systems MK2049-45 Datasheet HTML 7Page - Integrated Circuit Systems MK2049-45 Datasheet HTML 8Page - Integrated Circuit Systems MK2049-45 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3.3V Communications Clock PLL
MDS 2049-45 G
6
Revision 101904
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
MK2049-45
signal traces should be minimized by keeping traces
short and away from active signal traces. Use of vias
should be avoided.
3) The external crystal should be mounted just next to
the device with short traces. The X1 and X2 traces
should not be routed next to each other with minimum
spaces, instead they should be separated and away
from other traces.
4) To minimize EMI the 33
Ω series termination resistor,
if needed, should be placed close to the clock output.
5) An optimum layout is one with all components on the
same side of the board, minimizing vias through other
signal layers (the ferrite bead and bulk decoupling
capacitor can be mounted on the back). Other signal
traces should be routed away from the MK2049-45.
This includes signal traces just underneath the device,
or on layers adjacent to the ground plane layer used by
the device.
MAN05 may also be referenced for additional
suggestions on layout of the crystal section.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the MK2049-45. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
250
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.15
+3.3
+3.45
V


Similar Part No. - MK2049-45

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45ASILF RENESAS-MK2049-45ASILF Datasheet
262Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45ASILFTR RENESAS-MK2049-45ASILFTR Datasheet
262Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45SI RENESAS-MK2049-45SI Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
More results

Similar Description - MK2049-45

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
   Communications Clock PLL
logo
Renesas Technology Corp
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
logo
Integrated Circuit Syst...
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
logo
Renesas Technology Corp
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
logo
Integrated Circuit Syst...
MK2049-34 ICST-MK2049-34 Datasheet
135Kb / 11P
   3.3 V Communications Clock PLL
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com