Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC28G03G Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MC28G03G
Description  LCD MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC28G03G Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MC28G03G Datasheet HTML 1Page - List of Unclassifed Manufacturers MC28G03G Datasheet HTML 2Page - List of Unclassifed Manufacturers MC28G03G Datasheet HTML 3Page - List of Unclassifed Manufacturers MC28G03G Datasheet HTML 4Page - List of Unclassifed Manufacturers MC28G03G Datasheet HTML 5Page - List of Unclassifed Manufacturers MC28G03G Datasheet HTML 6Page - List of Unclassifed Manufacturers MC28G03G Datasheet HTML 7Page - List of Unclassifed Manufacturers MC28G03G Datasheet HTML 8Page - List of Unclassifed Manufacturers MC28G03G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
3.2 Outline Dimension
Display Corporation
Ver.: 1
This specification is the property of Arima Display Corporation , any copy or reproduction without permission is prohibited.
Date: 2003.10.15
Page: 4
Module No. : MC28G03G
CN1 : FPC - Pitch 0.5mm, width 10.5mm
CN2 : BHSR-02VS-1(JST); (PIN1-(+), PIN2-GND)
Note 1 : All dimensional tolerance unless otherwise
specified+/-0.5
Note 2 : Scale : NTS , Unit : mm
R
B
G


Similar Part No. - MC28G03G

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MC28-2-A SLPOWER-MC28-2-A Datasheet
374Kb / 7P
   DC Power Supplies
MC28-2-A SLPOWER-MC28-2-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
List of Unclassifed Man...
MC2800 ETC1-MC2800 Datasheet
1Mb / 63P
   Technical Specifications Multiple Motor Type
logo
Motorola, Inc
MC2800EVK MOTOROLA-MC2800EVK Datasheet
225Kb / 10P
   FLEX Paging RF/IF Receiver Board
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
More results

Similar Description - MC28G03G

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT5711LH-T HYES-HT5711LH-T Datasheet
777Kb / 22P
   LCD MODULE
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
   LCD Module
logo
List of Unclassifed Man...
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
   LCD MODULE
logo
OPTREX CORPORATION
DMC40457 OPTREX-DMC40457 Datasheet
166Kb / 15P
   LCD Module
logo
AZ Displays
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
   LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
   LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
   LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
   LCD MODULE
TM164ABA ETC-TM164ABA Datasheet
353Kb / 23P
   LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
   LCD Module
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
   LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com