Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6971ANG Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6971ANG
Description  16-Port, 36V Constant-Current LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6971ANG Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6971ANG Datasheet HTML 4Page - Maxim Integrated Products MAX6971ANG Datasheet HTML 5Page - Maxim Integrated Products MAX6971ANG Datasheet HTML 6Page - Maxim Integrated Products MAX6971ANG Datasheet HTML 7Page - Maxim Integrated Products MAX6971ANG Datasheet HTML 8Page - Maxim Integrated Products MAX6971ANG Datasheet HTML 9Page - Maxim Integrated Products MAX6971ANG Datasheet HTML 10Page - Maxim Integrated Products MAX6971ANG Datasheet HTML 11Page - Maxim Integrated Products MAX6971ANG Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
16-Port, 36V Constant-Current LED Driver
______________________________________________________________________________________
11
PACKAGE OUTLINE, TSSOP 4.40mm BODY
21-0066
1
1
G
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to www.maxim-ic.com/packages.)


Similar Part No. - MAX6971ANG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6971ANG MAXIM-MAX6971ANG Datasheet
251Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
More results

Similar Description - MAX6971ANG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6971 MAXIM-MAX6971_07 Datasheet
251Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
MAX6969 MAXIM-MAX6969_V01 Datasheet
204Kb / 12P
   16-Port, 5.5V Constant-Current LED Driver
2010
MAX6969 MAXIM-MAX6969_07 Datasheet
235Kb / 13P
   16-Port, 5.5V Constant-Current LED Driver
Rev 2; 9/07
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
   High Efficiency, Constant Current 36V LED driver
logo
XLSEMI
XL3005 XLSEMI-XL3005 Datasheet
391Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
List of Unclassifed Man...
XL3003 ETC2-XL3003 Datasheet
444Kb / 14P
   4A 220KHz 36V Buck LED Constant Current Driver
XL3005 ETC2-XL3005 Datasheet
362Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com