Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4723 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4723
Description  4.5 Dual SPST Analog Switches in UCSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4723 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4723 Datasheet HTML 1Page - Maxim Integrated Products MAX4723 Datasheet HTML 2Page - Maxim Integrated Products MAX4723 Datasheet HTML 3Page - Maxim Integrated Products MAX4723 Datasheet HTML 4Page - Maxim Integrated Products MAX4723 Datasheet HTML 5Page - Maxim Integrated Products MAX4723 Datasheet HTML 6Page - Maxim Integrated Products MAX4723 Datasheet HTML 7Page - Maxim Integrated Products MAX4723 Datasheet HTML 8Page - Maxim Integrated Products MAX4723 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX4721/MAX4722/MAX4723 low-voltage, low on-
resistance (RON), dual single-pole/single throw (SPST)
analog switches operate from a single +1.8V to +5.5V
supply. These devices are designed for USB 1.1 and
audio switching applications.
The MAX4721/MAX4722/MAX4723 feature 4.5
Ω RON
(max) with 1.2
Ω flatness and 0.3Ω matching between
channels. These new switches feature guaranteed
operation from +1.8V to +5.5V and are fully specified at
3V and 5V. These switches offer break-before-make
switching (1ns) with tON <80ns and tOFF <40ns at
+2.7V. The digital logic inputs are +1.8V logic compati-
ble with a +2.7V to +3.6V supply.
These switches are packaged in a chip-scale package
(UCSP™), significantly reducing the required PC board
area. The chip occupies only a 1.52mm 1.52mm area
and has a 3 3 bump array with a bump pitch of
0.5mm. These switches are also available in an 8-pin
µMAX package.
Applications
Battery-Operated Equipment
Audio/Video-Signal Routing
Low-Voltage Data-Acquisition Systems
Sample-and-Hold Circuits
Communications Circuits
Features
o USB 1.1 Signal Switching
o <2ns Differential Skew
o -3dB Bandwidth: >300MHz
o Low 15pF On-Channel Capacitance
o Low RON (max) Switches
4.5
Ω (max) (+3V Supply)
3
Ω (max) (+5V Supply)
o 0.3Ω (max) RON Match (+3V Supply)
o 1.2Ω (max) RON Flatness (+3V Supply)
o <0.5nA Leakage Current at TA = +25°C
o High Off-Isolation: -55dB (10MHz)
o Low Crosstalk: -80dB (10MHz)
o Low Distortion: 0.03%
o +1.8V CMOS-Logic Compatible
o Single-Supply Operation from +1.8V to +5.5V
o Rail-to-Rail® Signal Handling
4.5
Dual SPST Analog Switches in UCSP
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2632; Rev 0; 10/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN/BUMP-
PACKAGE
TOP
MARK
MAX4721EUA
-40°C to +85°C
8 µMAX
MAX4721EBL-T*
-40°C to +85°C
9 UCSP-9
ABP
MAX4722EUA
-40°C to +85°C
8 µMAX
MAX4722EBL-T*
-40°C to +85°C
9 UCSP-9
ABQ
MAX4723EUA
-40°C to +85°C
8 µMAX
MAX4723EBL-T*
-40°C to +85°C
9 UCSP-9
ABR
MAX4721
UCSP
TOP VIEW
(BUMP SIDE DOWN)
IN_
LOW
HIGH
NO_
OFF
ON
NC_
ON
OFF
C
B
A
123
IN2
COM1
NO1
GND
V+
NO2
COM2
IN1
MAX4722
C
B
A
123
IN2
COM1
NC1
GND
V+
NC2
COM2
IN1
MAX4723
C
B
A
123
IN2
COM1
NO1
GND
V+
NC2
COM2
IN1
UCSP
UCSP
Pin Configurations/Functional Diagrams/Truth Tables
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
UCSP is a trademark of Maxim Integrated Products, Inc.
Note: UCSP package requires special solder temperature pro-
file described in the Absolute Maximum Ratings section.
*UCSP reliability is integrally linked to the user’s assembly meth-
ods, circuit board material, and environment. See the UCSP reli-
ability notice in the UCSP Reliability section of this data sheet for
more information.


Similar Part No. - MAX4723

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX472 MAXIM-MAX472 Datasheet
120Kb / 12P
   Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
MAX4729 MAXIM-MAX4729 Datasheet
212Kb / 9P
   Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
MAX4729ELT+T MAXIM-MAX4729ELT+T Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
MAX4729ELT-T MAXIM-MAX4729ELT-T Datasheet
212Kb / 9P
   Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
MAX4729EXT+T MAXIM-MAX4729EXT+T Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
More results

Similar Description - MAX4723

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4731 MAXIM-MAX4731_06 Datasheet
366Kb / 14P
   50廓, Dual SPST Analog Switches in UCSP
Rev 2 12/06
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4731 MAXIM-MAX4731 Datasheet
318Kb / 12P
   50 ?쪫ual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4717 MAXIM-MAX4717 Datasheet
349Kb / 15P
   4.5 ??20 ?? 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 0; 10/02
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com