Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1960EEP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1960EEP
Description  2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1960EEP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1960EEP Datasheet HTML 1Page - Maxim Integrated Products MAX1960EEP Datasheet HTML 2Page - Maxim Integrated Products MAX1960EEP Datasheet HTML 3Page - Maxim Integrated Products MAX1960EEP Datasheet HTML 4Page - Maxim Integrated Products MAX1960EEP Datasheet HTML 5Page - Maxim Integrated Products MAX1960EEP Datasheet HTML 6Page - Maxim Integrated Products MAX1960EEP Datasheet HTML 7Page - Maxim Integrated Products MAX1960EEP Datasheet HTML 8Page - Maxim Integrated Products MAX1960EEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM
Step-Down Controllers with Voltage Margining
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VVCC = 3.3V, Circuits of Figures 9–12, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
2.7V
≤ VVCC ≤ 5.5V, ILOAD = 1mA to 50mA
4.75
5.25
V
2.35V
≤ VVCC ≤ 2.7V, ILOAD = 1mA to 35mA, C1
= 4.7
µF, C6 = 22µF (Note 1)
4.45
5.25
V
VDD Output Voltage
2.35V
≤ VVCC ≤ 3.6V with tripler, ILOAD = 1 to
50mA (circuit of Figure 12) (Note 1)
4.75
5.25
V
Reference Voltage (No Load)
1.269
1.280
1.291
V
Reference Load Regulation
-50
µA to +50µA3
mV
VOUT = 0.8V
44
53
62
VOUT = 2.0V
45
50
55
Positive Current-Limit Threshold
(VPGND - VLX)
MAX1962
VOUT = 3.3V
38
48
58
mV
Negative Current-Limit Threshold
(VLX - VPGND)
MAX1962, VOUT = 0.8V to 3.3V
38
50
68
mV
CS Bias Current
MAX1962, VCS = 3.3V
20
50
µA
OUT Bias Current
MAX1961/MAX1962, VOUT = 3.3V
30
50
µA
Current-Limit Threshold (Positive
Direction, Fixed, VPGND - VLX)
MAX1960/MAX1961, ILIM = VDD
58
74
90
mV
Current-Limit Threshold (Negative
Direction, Fixed, VLX - VPGND)
MAX1960/MAX1961, ILIM = VDD
50
67
85
mV
MAX1960/MAX1961, RILIM = 160k
100
114
135
Current-Limit Threshold (Positive
Direction, Adjustable, VPGND - VLX)
RILIM = 400k
250
279
306
mV
MAX1960/MAX1961, RILIM = 160k
90
107
125
Current-Limit Threshold (Negative
Direction, Adjustable, VLX - VPGND)
RILIM = 400k
245
271
296
mV
Thermal-Shutdown Threshold
15
°C hysteresis
+160
°C
DH Gate-Driver On-Resistance
VBST - VLX = 5V, pulling up or down
1.8
3.5
DL Gate-Driver On-Resistance (Pullup)
DL high state
1.8
3.5
DL Gate-Driver On-Resistance (Pulldown)
DL low state
0.5
1.6
DH falling to DL rising
35
Minimum Adaptive Dead Time
DH rising to DL falling
26
ns
Minimum high time (Note 1)
200
FSET/SYNC Pulse Width
Minimum low time (Note 1)
200
ns
FSET/SYNC Rise/Fall Time
(Note 1)
100
ns
CTL_, FSET/SYNC, EN Input High Voltage
VVCC = 2.35V to 5.5V
2.0
V
CTL_, FSET/SYNC, EN Input Low Voltage
VVCC = 2.35V to 5.5V
0.8
V
CTL_, FSET/SYNC, EN Input Current
-1
+1
µA
CLKOUT VOL
Sinking 1mA
0.01
0.1
V
CLKOUT VOH
Sourcing 1mA
VVCC -
0.2V
VVCC -
0.01V
V
CLKOUT Rise/Fall Time
CLOAD = 100pF (Note 1)
40
ns


Similar Part No. - MAX1960EEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1960EEP MAXIM-MAX1960EEP Datasheet
321Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
More results

Similar Description - MAX1960EEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1960 MAXIM-MAX1960_09 Datasheet
321Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
MAX1955 MAXIM-MAX1955 Datasheet
625Kb / 22P
   1.6V to 5.5V Input, 0.5% Accurate, Dual 180째 Out-of-Phase Step-Down Controllers
Rev 0; 1/03
MAX1951A MAXIM-MAX1951A Datasheet
951Kb / 12P
   1MHz, 2A, 2.6V to 5.5V Input, PWM DC-DC Step-Down Regulator with Enable
Rev 0; 7/09
logo
Analog Devices
ADP1822 AD-ADP1822_15 Datasheet
363Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. D
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. B
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1951 MAXIM-MAX1951 Datasheet
380Kb / 15P
   1MHz, All-Ceramic, 2.6V to 5.5V Input, 2A PWM Step-Down DC-to-DC Regulators
Rev 2; 6/09
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
   Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
MAX1945R MAXIM-MAX1945R Datasheet
848Kb / 19P
   1MHz, 1% Accurate, 6A Internal Switch Step-Down Regulators
Rev 1; 7/04
MAX8505 MAXIM-MAX8505 Datasheet
245Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
Rev 0; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com