Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3969ETP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3969ETP
Description  200Mbps SFP Limiting Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3969ETP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3969ETP Datasheet HTML 3Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 4Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 5Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 6Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 7Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 8Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 9Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 10Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Select CFILTER
For SFP/SFF, FDDI, 155Mbps ATM LAN, Fast Ethernet,
and ESCON receivers, Maxim recommends CFILTER =
0.01µF. This capacitor value ensures chatter-free
LOS/SD and provides a typical assert/deassert time of
10µs. For other applications, the value of CFILTER can
be calculated using the following equation:
CFILTER =
τ / 825Ω
where
τ is the desired time constant of the power detector.
Select CAZ and CIN
External-coupling capacitors (CIN) are required on the
data inputs for the offset correction loop to function
properly. The offset correction loop bandwidth is deter-
mined by the external capacitor (CAZ) connected
between CZP and CZN. The poles associated with CIN
and CAZ must work together to provide a flat response
at the lower -3dB corner frequency. For SFP/SFF, FDDI,
155Mbps ATM LAN, Fast Ethernet, and ESCON
receivers, Maxim recommends the following:
CIN = 0.01µF
CAZ = 0.027µF
200Mbps SFP Limiting Amplifier
_______________________________________________________________________________________
7
VCCO
OUT-
OUT+
ESD
STRUCTURES
Figure 2. Equivalent PECL Output Circuit
LOS/LOS
ESD
STRUCTURES
VCCO
Figure 3. Equivalent TTL Output Circuit
PIN-TIA RESPONSIVITY = G
1.8dB
2.5dB
10 log(OPTICAL POWER)
20 log(VIN)
RX_MAX (SENSITIVITY)
SD HIGH / LOS LOW
SD LOW / LOS HIGH
5dB
3.6dB
VIN_TH VIN_SEN
Figure 4. Signal Levels for Power-Detect Threshold


Similar Part No. - MAX3969ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3969ETP MAXIM-MAX3969ETP Datasheet
303Kb / 11P
   200Mbps SFP Limiting Amplifier
19-3251; Rev 1; 6/06
More results

Similar Description - MAX3969ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3969 MAXIM-MAX3969_V01 Datasheet
303Kb / 11P
   200Mbps SFP Limiting Amplifier
19-3251; Rev 1; 6/06
MAX3645EEE MAXIM-MAX3645EEE Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier
Rev 1; 11/04
MAX3645 MAXIM-MAX3645 Datasheet
262Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
Rev 0; 10/03
MAX3645 MAXIM-MAX3645_V01 Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
MAX3945ETE MAXIM-MAX3945ETE Datasheet
2Mb / 24P
   1.0625Gbps to 11.3Gbps, SFP Dual-Path Limiting Amplifier
Rev 0; 2/10
logo
M/A-COM Technology Solu...
LA7_SMLA7 MA-COM-LA7_SMLA7 Datasheet
1Mb / 3P
   Limiting Amplifier
logo
BOWEI Integrated Circui...
HE072B BOWEI-HE072B Datasheet
68Kb / 1P
   Limiting Amplifier
HE073 BOWEI-HE073 Datasheet
104Kb / 1P
   Limiting Amplifier
logo
Analog Devices
ADN2891 AD-ADN2891_17 Datasheet
596Kb / 16P
   Limiting Amplifier
logo
BOWEI Integrated Circui...
HE072 BOWEI-HE072 Datasheet
99Kb / 1P
   Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com